Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 265 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 265 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 261Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 262Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 263Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 264Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 265Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 266Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 267Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 268Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 328 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30289A-page 265
PIC17C7XX
21.0
PIC17C7XX DC AND AC CHARACTERISTICS
The graphs and tables provided in this section are for design guidance and are not tested nor guaranteed. In some
graphs or tables the data presented is outside specified operating range (e.g. outside specified VDD range). This is for
information only and devices are ensured to operate properly only within the specified range.
The data presented in this section is a statistical summary of data collected on units from different lots over a period of
time. "Typical" represents the mean of the distribution while "max" or "min" represents (mean + 3
σ) and (mean - 3σ)
respectively where
σ is standard deviation.
TABLE 21-1:
PIN CAPACITANCE PER PACKAGE TYPE
FIGURE 21-1: TYPICAL RC OSCILLATOR FREQUENCY vs. TEMPERATURE
Pin Name
Typical Capacitance (pF)
68-pin PLCC
64-pin TQFP
All pins, except MCLR, VDD, and VSS
10
10
MCLR pin
20
20
FOSC
FOSC (25
°C)
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
010
20
25
30
40
50
60
70
T(
°C)
Frequency normalized to +25
°C
VDD = 5.5V
VDD = 3.5V
Rext
≥ 10 kΩ
Cext = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com