Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 14Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 15Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 16Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 17Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 18Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 19Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 20Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 21Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 328 page
background image
PIC17C7XX
DS30289A-page 18
© 1998 Microchip Technology Inc.
4.1.5
RC OSCILLATOR
For timing insensitive applications, the RC device
option offers additional cost savings. RC oscillator fre-
quency is a function of the supply voltage, the resistor
(Rext) and capacitor (Cext) values, and the operating
temperature. In addition to this, oscillator frequency
will vary from unit to unit due to normal process param-
eter variation. Furthermore, the difference in lead
frame capacitance between package types will also
affect oscillation frequency, especially for low Cext val-
ues. The user also needs to take into account variation
due to tolerance of external R and C components used.
Figure 4-7 shows how the R/C combination is con-
nected to the PIC17CXXX.
For Rext values below
2.2 k
Ω, the oscillator operation may become unstable,
or stop completely. For very high Rext values (e.g.
1 M
Ω), the oscillator becomes sensitive to noise,
humidity and leakage. Thus, we recommend to keep
Rext between 3 k
Ω and 100 kΩ.
Although the oscillator will operate with no external
capacitor (Cext = 0 pF), we recommend using values
above 20 pF for noise and stability reasons. With little
or no external capacitance, oscillation frequency can
vary dramatically due to changes in external capaci-
tances, such as PCB trace capacitance or package
lead frame capacitance.
See Section 21.0 for RC frequency variation from part
to part due to normal process variation. The variation
is larger for larger R (since leakage current variation
will affect RC frequency more for large R) and for
smaller C (since variation of input capacitance will
affect RC frequency more).
See Section 21.0 for variation of oscillator frequency
due to VDD for given Rext/Cext values as well as fre-
quency variation due to operating temperature for given
R, C, and VDD values.
The oscillator frequency, divided by 4, is available on
the OSC2/CLKOUT pin, and can be used for test pur-
poses or to synchronize other logic (see Figure 4-8 for
waveform).
FIGURE 4-7:
RC OSCILLATOR MODE
VDD
Rext
Cext
VSS
OSC1
Internal
clock
OSC2/CLKOUT
Fosc/4
PIC17CXXX
4.1.5.1
RC START-UP
As the device voltage increases, the RC will immedi-
ately start its oscillations once the pin voltage levels
meet the input threshold specifications (parameter
#D032 and parameter #D042 in the electrical specifica-
tion section). The time required for the RC to start
oscillating depends on many factors. These include:
• Resistor value used
• Capacitor value used
• Device VDD rise time
• System temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com