Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 79Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 80Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 81Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 82Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 83Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 84Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 85Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 86Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 83
PIC17C7XX
TABLE 10-11: PORTF FUNCTIONS
TABLE 10-12: REGISTERS/BITS ASSOCIATED WITH PORTF
Name
Bit
Buffer Type
Function
RF0/AN4
bit0
ST
Input/Output or analog input 4
RF1/AN5
bit1
ST
Input/Output or analog input 5
RF2/AN6
bit2
ST
Input/Output or analog input 6
RF3/AN7
bit3
ST
Input/Output or analog input 7
RF4/AN8
bit4
ST
Input/Output or analog input 8
RF5/AN9
bit5
ST
Input/Output or analog input 9
RF6/AN10
bit6
ST
Input/Output or analog input 10
RF7/AN11
bit7
ST
Input/Output or analog input 11
Legend: ST = Schmitt Trigger input.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR,
WDT
10h,
Bank 5
DDRF
Data Direction Register for PORTF
1111 1111 1111 1111
11h,
Bank 5
PORTF
RF7/
AN11
RF6/
AN10
RF5/
AN9
RF4/
AN8
RF3/
AN7
RF2/
AN6
RF1/
AN5
RF0/
AN4
0000 0000 0000 0000
15h,
Bank 5
ADCON1 ADCS1 ADCS0
ADFM
—
PCFG3
PCFG2
PCFG1
PCFG0
000- 0000 000- 0000
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by PORTF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com