Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 33Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 34Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 35Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 36Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 37Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 38Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 39Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 40Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 37
PIC17C7XX
6.4
Interrupt Operation
Global Interrupt Disable bit, GLINTD (CPUSTA<4>),
enables all unmasked interrupts (if clear) or disables all
interrupts (if set). Individual interrupts can be disabled
through their corresponding enable bits in the INTSTA
register. Peripheral interrupts need either the global
peripheral enable PEIE bit disabled, or the specific
peripheral enable bit disabled. Disabling the peripher-
als via the global peripheral enable bit, disables all
peripheral interrupts. GLINTD is set on reset (interrupts
disabled).
The RETFIE instruction clears the GLINTD bit while
forcing the Program Counter (PC) to the value loaded
at the Top of Stack.
When an interrupt is responded to, the GLINTD bit is
automatically set to disable any further interrupt, the
return address is pushed onto the stack and the PC is
loaded with the interrupt vector. There are four inter-
rupt vectors which help reduce interrupt latency.
The peripheral interrupt vector has multiple interrupt
sources. Once in the peripheral interrupt service rou-
tine, the source(s) of the interrupt can be determined by
polling the interrupt flag bits. The peripheral interrupt
flag bit(s) must be cleared in software before
re-enabling interrupts to avoid continuous interrupts.
The PIC17C7XX devices have four interrupt vectors.
These vectors and their hardware priority are shown in
Table 6-1. If two enabled interrupts occur “at the same
time”, the interrupt of the highest priority will be ser-
viced first. This means that the vector address of that
interrupt will be loaded into the program counter (PC).
TABLE 6-1:
INTERRUPT
VECTORS/PRIORITIES
Address
Vector
Priority
0008h
External Interrupt on
RA0/INT pin (INTF)
1 (Highest)
0010h
TMR0 overflow interrupt
(T0IF)
2
0018h
External Interrupt on T0CKI
(T0CKIF)
3
0020h
Peripherals (PEIF)
4 (Lowest)
Note 1: Individual interrupt flag bits are set regard-
less of the status of their corresponding
mask bit or the GLINTD bit.
Note 2: Before disabling any of the INTSTA enable
bits, the GLINTD bit should be set
(disabled).
6.5
RA0/INT Interrupt
The external interrupt on the RA0/INT pin is edge trig-
gered. Either the rising edge, if the INTEDG bit
(T0STA<7>) is set, or the falling edge, if the INTEDG bit
is clear. When a valid edge appears on the RA0/INT
pin, the INTF bit (INTSTA<4>) is set. This interrupt can
be
disabled
by
clearing
the
INTE
control
bit
(INTSTA<0>). The INT interrupt can wake the proces-
sor from SLEEP. See Section 17.4 for details on
SLEEP operation.
6.6
T0CKI Interrupt
The external interrupt on the RA1/T0CKI pin is edge
triggered. Either the rising edge, if the T0SE bit
(T0STA<6>) is set, or the falling edge, if the T0SE bit is
clear. When a valid edge appears on the RA1/T0CKI
pin, the T0CKIF bit (INTSTA<6>) is set. This interrupt
can be disabled by clearing the T0CKIE control bit
(INTSTA<2>). The T0CKI interrupt can wake up the
processor from SLEEP. See Section 17.4 for details on
SLEEP operation.
6.7
Peripheral Interrupt
The peripheral interrupt flag indicates that at least one
of the peripheral interrupts occurred (PEIF is set). The
PEIF bit is a read only bit, and is a bit wise OR of all the
flag bits in the PIR registers AND’ed with the corre-
sponding enable bits in the PIE registers. Some of the
peripheral interrupts can wake the processor from
SLEEP. See Section 17.4 for details on SLEEP opera-
tion.
6.8
Context Saving During Interrupts
During an interrupt, only the returned PC value is saved
on the stack. Typically, users may wish to save key reg-
isters during an interrupt; e.g. WREG, ALUSTA and the
BSR registers. This requires implementation in soft-
ware.
Example 6-2 shows the saving and restoring of infor-
mation for an interrupt service routine. This is for a sim-
ple interrupt scheme, where only one interrupt may
occur at a time (no interrupt nesting). The SFRs are
stored in the non-banked GPR area.
Example 6-2 shows the saving and restoring of infor-
mation for a more complex interrupt service routine.
This is useful where nesting of interrupts is required. A
maximum of 6 levels can be done by this example. The
BSR is stored in the non-banked GPR area, while the
other registers would be stored in a particular bank.
Therefore 6 saves may be done with this routine (since
there are 6 non-banked GPR registers). These rou-
tines require a dedicated indirect addressing register,
FSR0 to be selected for this.
The PUSH and POP code segments could either be in
each interrupt service routine or could be subroutines
that were called. Depending on the application, other
registers may also need to be saved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com