Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 86Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 87Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 88Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 89Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 90Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 91Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 92Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 93Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 328 page
background image
PIC17C7XX
DS30289A-page 90
© 1998 Microchip Technology Inc.
TABLE 10-1:
PORTJ FUNCTIONS
TABLE 10-2:
REGISTERS/BITS ASSOCIATED WITH PORTJ
Name
Bit
Buffer Type
Function
RJ0
bit0
ST
Input/Output
RJ1
bit1
ST
Input/Output
RJ2
bit2
ST
Input/Output
RJ3
bit3
ST
Input/Output
RJ4
bit4
ST
Input/Output
RJ5
bit5
ST
Input/Output
RJ6
bit6
ST
Input/Output
RJ7
bit7
ST
Input/Output
Legend: ST = Schmitt Trigger input.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on,
POR,
BOR
MCLR,
WDT
12h, Bank 8
DDRJ
Data Direction Register for PORTJ
1111 1111
1111 1111
13h, Bank 8
PORTJ
RJ7
RJ6
RJ5
RJ4
RJ3
RJ2
RJ1
RJ0
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com