Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 92Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 93Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 94Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 95Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 96Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 97Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 98Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 99Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 328 page
background image
PIC17C7XX
DS30289A-page 96
© 1998 Microchip Technology Inc.
12.1
Timer0 Operation
When the T0CS (T0STA<5>) bit is set, TMR0 incre-
ments on the internal clock. When T0CS is clear, TMR0
increments on the external clock (RA1/T0CKI pin). The
external clock edge can be selected in software. When
the T0SE (T0STA<6>) bit is set, the timer will increment
on the rising edge of the RA1/T0CKI pin. When T0SE
is clear, the timer will increment on the falling edge of
the RA1/T0CKI pin. The prescaler can be programmed
to introduce a prescale of 1:1 to 1:256. The timer incre-
ments from 0000h to FFFFh and rolls over to 0000h.
On overflow, the TMR0 Interrupt Flag bit (T0IF) is set.
The TMR0 interrupt can be masked by clearing the cor-
responding TMR0 Interrupt Enable bit (T0IE). The
TMR0 Interrupt Flag bit (T0IF) is automatically cleared
when vectoring to the TMR0 interrupt vector.
12.2
Using Timer0 with External Clock
When an external clock input is used for Timer0, it is
synchronized
with
the
internal
phase
clocks.
Figure 12-3 shows the synchronization of the external
clock. This synchronization is done after the prescaler.
The output of the prescaler (PSOUT) is sampled twice
in every instruction cycle to detect a rising or a falling
edge. The timing requirements for the external clock
are detailed in the electrical specification section.
12.2.1
DELAY FROM EXTERNAL CLOCK EDGE
Since the prescaler output is synchronized with the
internal clocks, there is a small delay from the time the
external clock edge occurs to the time TMR0 is actually
incremented. Figure 12-3 shows that this delay is
between 3TOSC and 7TOSC. Thus, for example, mea-
suring the interval between two edges (e.g. period) will
be accurate within
±4TOSC (±121 ns @ 33 MHz).
FIGURE 12-2: TIMER0 MODULE BLOCK DIAGRAM
FIGURE 12-3: TMR0 TIMING WITH EXTERNAL CLOCK (INCREMENT ON FALLING EDGE)
RA1/T0CKI
Synchronization
Prescaler
(8 stage
async ripple
counter)
T0SE
(T0STA<6>)
Fosc/4
T0CS
(T0STA<5>)
T0PS3:T0PS0
(T0STA<4:1>)
Q2
Q4
0
1
TMR0H<8> TMR0L<8>
Interrupt on overflow
sets T0IF
(INTSTA<5>)
4
PSOUT
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Prescaler
output
(PSOUT)
Sampled
Prescaler
output
Increment
TMR0
TMR0
T0
T0 + 1
T0 + 2
(note 3)
(note 2)
Note 1: The delay from the T0CKI edge to the TMR0 increment is 3Tosc to 7Tosc.
2:
↑ = PSOUT is sampled here.
3: The PSOUT high time is too short and is missed by the sampling circuit.
(note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com