Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 85Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 86Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 87Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 88Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 89Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 90Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 91Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 92Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 89
PIC17C7XX
10.9
PORTJ and DDRJ Registers
(PIC17C76X only)
PORTJ is an 8-bit wide bi-directional port. The corre-
sponding data direction register is DDRJ. A '1' in
DDRJ configures the corresponding port pin as an
input. A '0' in the DDRJ register configures the corre-
sponding port pin as an output.
Reading PORTJ
reads the status of the pins, whereas writing to PORTJ
will write to the respective port latch.
PORTJ is a general purpose I/O port.
EXAMPLE 10-1: INITIALIZING PORTJ
MOVLB
8
; Select Bank 8
CLRF
PORTJ, F
; Initialize PORTJ data
; latches before setting
; the data direction
; register
MOVLW
0xCF
; Value used to initialize
; data direction
MOVWF
DDRJ
; Set RJ<3:0> as inputs
; RJ<5:4> as outputs
; RJ<7:6> as inputs
Figure 10-19:PORTJ Block Diagram
Note: I/O pins have protection diodes to VDD and Vss.
D
CK
Q
D
CK
Q
Data Bus
RD_PORTJ
WR_PORTJ
RD_DDRJ
WR_DDRJ
EN
Q
D
EN
P
N
Q
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com