Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 61Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 62Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 63Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 64Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 65Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 66Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 67Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 68Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 65
PIC17C7XX
9.0
HARDWARE MULTIPLIER
All PIC17C7XX devices have an 8 x 8 hardware multi-
plier included in the ALU of the device. By making the
multiply a hardware operation, it completes in a single
instruction cycle.
This is an unsigned multiply that
gives a 16-bit result. The result is stored into the 16-bit
PRODuct register (PRODH:PRODL). The multiplier
does not affect any flags in the ALUSTA register.
Making the 8 x 8 multiplier execute in a single cycle
gives the following advantages:
• Higher computational throughput
• Reduces code size requirements for multiply algo-
rithms
The performance increase allows the device to be used
in applications previously reserved for Digital Signal
Processors.
Table 9-1 shows a performance comparison between
PIC17CXXX devices using the single cycle hardware
multiply, and performing the same function without the
hardware multiply.
Example 9-1 shows the sequence to do an 8 x 8
unsigned multiply. Only one instruction is required
when one argument of the multiply is already loaded in
the WREG register.
Example 9-2 shows the sequence to do an 8 x 8 signed
multiply. To account for the sign bits of the arguments,
each argument’s most significant bit (MSb) is tested
and the appropriate subtractions are done.
EXAMPLE 9-1:
8 x 8 UNSIGNED MULTIPLY
ROUTINE
EXAMPLE 9-2:
8 x 8 SIGNED MULTIPLY
ROUTINE
MOVFP
ARG1, WREG
;
MULWF
ARG2
; ARG1 * ARG2 ->
;
PRODH:PRODL
MOVFP
ARG1, WREG
MULWF
ARG2
; ARG1 * ARG2 ->
;
PRODH:PRODL
BTFSC
ARG2, SB
; Test Sign Bit
SUBWF
PRODH, F
; PRODH = PRODH
;
- ARG1
MOVFP
ARG2, WREG
BTFSC
ARG1, SB
; Test Sign Bit
SUBWF
PRODH, F
; PRODH = PRODH
;
- ARG2
TABLE 9-1:
PERFORMANCE COMPARISON
Routine
Multiply Method
Program
Memory
(Words)
Cycles
(Max)
Time
@ 33 MHz
@ 16 MHz
@ 8 MHz
8 x 8 unsigned
Without hardware multiply
13
69
8.364
µs
17.25
µs
34.50
µs
Hardware multiply
1
1
0.121
µs
0.25
µs
0.50
µs
8 x 8 signed
Without hardware multiply
—
—
—
—
—
Hardware multiply
6
6
0.727
µs
1.50
µs
3.0
µs
16 x 16 unsigned
Without hardware multiply
21
242
29.333
µs
60.50
µs
121.0
µs
Hardware multiply
24
24
2.91
µs
6.0
µs
12.0
µs
16 x 16 signed
Without hardware multiply
52
254
30.788
µs
63.50
µs
127.0
µs
Hardware multiply
36
36
4.36
µs
9.0
µs
18.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com