Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 77Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 78Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 79Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 80Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 81Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 82Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 83Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 84Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 81
PIC17C7XX
FIGURE 10-12: BLOCK DIAGRAM OF RE3/CAP4 PORT PIN
TABLE 10-9:
PORTE FUNCTIONS
TABLE 10-10: REGISTERS/BITS ASSOCIATED WITH PORTE
Name
Bit
Buffer Type
Function
RE0/ALE
bit0
TTL
Input/Output or system bus Address Latch Enable (ALE) control pin.
RE1/OE
bit1
TTL
Input/Output or system bus Output Enable (OE) control pin.
RE2/WR
bit2
TTL
Input/Output or system bus Write (WR) control pin.
RE3/CAP4
bit3
ST
Input/Output or Capture4 input pin
Legend: TTL = TTL input.
ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR,
WDT
15h, Bank 1
PORTE
—
—
—
—
RE3/CAP4
RE2/WR
RE1/OE
RE0/ALE
---- xxxx
---- uuuu
14h, Bank 1
DDRE
Data direction register for PORTE
---- 1111
---- 1111
14h, Bank 7
CA4L
Capture4 low byte
xxxx xxxx
uuuu uuuu
15h, Bank 7
CA4H
Capture4 high byte
xxxx xxxx
uuuu uuuu
16h, Bank 7
TCON3
—
CA4OVF
CA3OVF
CA4ED1
CA4ED0
CA3ED1
CA3ED0
PWM3ON
-000 0000
-000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by PORTE.
Note: I/O pin has protection diodes to VDD and Vss.
D
CK
Q
D
CK
Q
S
Port
Data
Data Bus
RD_PORTE
WR_PORTE
RD_DDRE
WR_DDRE
EN
Q
D
EN
P
N
Q
Q
Peripheral In
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com