Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 52Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 53Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 54Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 55Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 56Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 57Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 58Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 59Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 328 page
background image
PIC17C7XX
DS30289A-page 56
© 1998 Microchip Technology Inc.
7.8
Bank Select Register (BSR)
The BSR is used to switch between banks in the data
memory
area
(Figure 7-12). In
the
PIC17C7XX
devices, the entire byte is implemented. The lower nib-
ble is used to select the peripheral register bank. The
upper nibble is used to select the general purpose
memory bank.
All the Special Function Registers (SFRs) are mapped
into the data memory space. In order to accommodate
the large number of registers, a banking scheme has
been used. A segment of the SFRs, from address 10h
to address 17h, is banked. The lower nibble of the bank
select register (BSR) selects the currently active
“peripheral bank.” Effort has been made to group the
peripheral registers of related functionality in one bank.
However, it will still be necessary to switch from bank to
bank in order to address all peripherals related to a sin-
gle task. To assist this, a MOVLB bank instruction has
been included in the instruction set.
The need for a large general purpose memory space
dictated a general purpose RAM banking scheme. The
upper nibble of the BSR selects the currently active
general purpose RAM bank. To assist this, a MOVLR
bank
instruction has been provided in the instruction
set.
If the currently selected bank is not implemented (such
as Bank 13), any read will read all '0's. Any write is
completed to the bit bucket and the ALU status bits will
be set/cleared as appropriate.
Note:
Registers in Bank 15 in the Special Func-
tion Register area, are reserved for
Microchip use. Reading of registers in this
bank may cause random values to be read.
FIGURE 7-12: BSR OPERATION
74 3
0
10h
17h
BSR
0
1
2
3
8
15
• • •
20h
FFh
• • •
(1)
(2)
Bank 15
Bank 8
Bank 3
Bank 2
Bank 1
Bank 0
01
2
Bank 2
Bank 1
Bank 0
15
Bank 15
SFR
Banks
GPR
Banks
Address
Range
Note 1: For the SFRs only Banks 0 through 8 are implemented. Selection of an unimplemented bank is not recom-
mended. Bank 15 is reserved for Microchip use, reading of registers in this bank may cause random
values to be read.
2: For the GPRs, bank 3 is unimplemented on the PIC17C752 and the PIC17C762. Selection of an unimple-
mented bank is not recommended.
3: SFR Bank 8 is only implemented on the PIC17C76X.
3
Bank 3
4
Bank 4
4
5
6
7
Bank 7
Bank 6
Bank 5
Bank 4
(Peripheral)
(RAM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com