Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 82Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 83Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 84Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 85Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 86Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 87Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 88Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 89Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 328 page
background image
PIC17C7XX
DS30289A-page 86
© 1998 Microchip Technology Inc.
TABLE 10-13: PORTG FUNCTIONS
TABLE 10-14: REGISTERS/BITS ASSOCIATED WITH PORTG
Name
Bit
Buffer Type
Function
RG0/AN3
bit0
ST
Input/Output or analog input 3.
RG1/AN2
bit1
ST
Input/Output or analog input 2.
RG2/AN1/VREF-
bit2
ST
Input/Output or analog input 1 or the ground reference voltage
RG3/AN0/VREF+
bit3
ST
Input/Output or analog input 0 or the positive reference voltage
RG4/CAP3
bit4
ST
Input/Output or the Capture3 input pin.
RG5/PWM3
bit5
ST
Input/Output or the PWM3 output pin.
RG6/RX2/DT2
bit6
ST
Input/Output or the USART2 (SCI) Asynchronous Receive or USART2
(SCI) Synchronous Data.
RG7/TX2/CK2
bit7
ST
Input/Output or the USART2 (SCI) Asynchronous Transmit or USART2
(SCI) Synchronous Clock.
Legend: ST = Schmitt Trigger input.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR,
WDT
12h, Bank 5
DDRG
Data Direction Register for PORTG
1111 1111
1111 1111
13h, Bank 5
PORTG
RG7/
TX2/CK2
RG6/
RX2/DT2
RG5/
PWM3
RG4/
CAP3
RG3/
AN0
RG2/
AN1
RG1/
AN2
RG0/
AN3
xxxx 0000
uuuu 0000
15h, Bank 5
ADCON1
ADCS1
ADCS0
ADFM
—
PCFG3
PCFG2
PCFG1
PCFG0
000- 0000
000- 0000
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by PORTG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com