Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 46Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 47Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 48Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 49Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 50Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 51Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 52Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 53Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 328 page
background image
PIC17C7XX
DS30289A-page 50
© 1998 Microchip Technology Inc.
7.2.2.2
CPU STATUS REGISTER (CPUSTA)
The CPUSTA register contains the status and control
bits for the CPU. This register has a bit that is used to
globally enable/disable interrupts. If only a specific
interrupt is desired to be enabled/disabled, please refer
to the INTerrupt STAtus (INTSTA) register and the
Peripheral
Interrupt
Enable
(PIE)
registers. The
CPUSTA register also indicates if the stack is available
and contains the Power-down (PD) and Time-out (TO)
bits. The TO, PD, and STKAV bits are not writable.
These bits are set and cleared according to device
logic. Therefore, the result of an instruction with the
CPUSTA register as destination may be different than
intended.
The POR bit allows the differentiation between a
Power-on Reset, external MCLR reset, or a WDT
Reset. The BOR bit indicates if a Brown-out Reset
occurred.
Note 1: The BOR status bit is a don’t care and is
not
necessarily
predictable
if
the
brown-out circuit is disabled (when the
BODEN bit in the Configuration word is
programmed).
FIGURE 7-7:
CPUSTA REGISTER (ADDRESS: 06h, UNBANKED)
U - 0
U - 0
R - 1
R/W - 1
R - 1
R - 1
R/W - 0
R/W - 1
—
—
STKAV GLINTD
TO
PD
POR
BOR
R = Readable bit
W = Writable bit
U = Unimplemented bit,
Read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
Unimplemented: Read as '0'
bit 5:
STKAV: Stack Available bit
This bit indicates that the 4-bit stack pointer value is Fh, or has rolled over from Fh
→ 0h (stack overflow).
1 = Stack is available
0 = Stack is full, or a stack overflow may have occurred (Once this bit has been cleared by a
stack overflow, only a device reset will set this bit)
bit 4:
GLINTD: Global Interrupt Disable bit
This bit disables all interrupts. When enabling interrupts, only the sources with their enable bits set can
cause an interrupt.
1 = Disable all interrupts
0 = Enables all un-masked interrupts
bit 3:
TO: WDT Time-out Status bit
1 = After power-up or by a CLRWDT instruction
0 = A Watchdog Timer time-out occurred
bit 2:
PD: Power-down Status bit
1 = After power-up or by the CLRWDT instruction
0 = By execution of the SLEEP instruction
bit 1:
POR: Power-on Reset Status bit
1 = No Power-on Reset occurred
0 = A Power-on Reset occurred (must be set by software)
bit 0:
BOR: Brown-out Reset Status bit
When BODEN configuration bit is set (enabled):
1 = No Brown-out Reset occurred
0 = A Brown-out Reset occurred (must be set by software)
When BODEN configuration bit is clear (disabled):
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com