Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 76Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 77Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 78Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 79Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 80Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 81Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 82Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 83Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 328 page
background image
PIC17C7XX
DS30289A-page 80
© 1998 Microchip Technology Inc.
10.5
PORTE and DDRE Register
PORTE is a 4-bit bi-directional port. The corresponding
data direction register is DDRE. A '1' in DDRE config-
ures the corresponding port pin as an input. A '0' in the
DDRE register configures the corresponding port pin
as an output. Reading PORTE reads the status of the
pins, whereas writing to PORTE will write to the port
latch. PORTE is multiplexed with the system bus.
When operating as the system bus, PORTE contains
the
control
signals
for
the
address/data
bus
(AD15:AD0). These control signals are Address Latch
Enable (ALE), Output Enable (OE), and Write (WR).
The control signals OE and WR are active low signals.
The timing for the system bus is shown in the Electrical
Specifications section.
Note:
Three pins of this port are configured as
the system bus when the device’s configu-
ration bits are selected to Microprocessor
or Extended Microcontroller modes. The
other pin is a general purpose I/O or
Capture4 pin. In the two other microcon-
troller modes, RE2:RE0 are general pur-
pose I/O pins.
Example 10-5 shows an instruction sequence to initial-
ize PORTE. The Bank Select Register (BSR) must be
selected to Bank 1 for the port to be initialized. The fol-
lowing example uses the MOVLB instruction to load the
BSR register for bank selection.
EXAMPLE 10-5: INITIALIZING PORTE
MOVLB
1
; Select Bank 1
CLRF
PORTE, F
; Initialize PORTE data
; latches before setting
; the data direction
; register
MOVLW
0x03
; Value used to initialize
; data direction
MOVWF
DDRE
; Set RE<1:0> as inputs
; RE<3:2> as outputs
; RE<7:4> are always
; read as '0'
FIGURE 10-11: BLOCK DIAGRAM OF RE2:RE0 (IN I/O PORT MODE)
Note: I/O pins have protection diodes to VDD and Vss.
Q
D
CK
TTL
0
1
Q
D
CK
R
S
Input
Buffer
Port
Data
Data Bus
RD_PORTE
WR_PORTE
RD_DDRE
WR_DDRE
EX_EN
CNTL
DRV_SYS
SYS BUS
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com