Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 78Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 79Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 80Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 81Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 82Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 83Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 84Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 85Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 328 page
background image
PIC17C7XX
DS30289A-page 82
© 1998 Microchip Technology Inc.
10.6
PORTF and DDRF Registers
PORTF is an 8-bit wide bi-directional port. The corre-
sponding data direction register is DDRF. A '1' in DDRF
configures the corresponding port pin as an input. A '0'
in the DDRF register configures the corresponding port
pin as an output. Reading PORTF reads the status of
the pins, whereas writing to PORTF will write to the
respective port latch.
All eight bits of PORTF are multiplexed with 8 channels
of the 10-bit A/D converter.
Upon reset the entire Port is automatically configured
as analog inputs, and must be configured in software to
be a digital I/O.
Example 10-6 shows an instruction sequence to initial-
ize PORTF. The Bank Select Register (BSR) must be
selected to Bank 5 for the port to be initialized. The fol-
lowing example uses the MOVLB instruction to load the
BSR register for bank selection.
EXAMPLE 10-6: INITIALIZING PORTF
MOVLB
5
; Select Bank 5
MOVLW
0x0E
; Configure PORTF as
MOVPF
ADCON1
; Digital
CLRF
PORTF, F
; Initialize PORTF data
;
latches before
;
the data direction
;
register
MOVLW
0x03
; Value used to init
;
data direction
MOVWF
DDRF
; Set RF<1:0> as inputs
;
RF<7:2> as outputs
FIGURE 10-13: BLOCK DIAGRAM OF RF7:RF0
Data bus
WR PORTF
WR DDRF
RD PORTF
Data Latch
DDRF Latch
P
VSS
I/O pin
PCFG3:PCFG0
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN
N
ST
input
buffer
VDD
RD DDRF
To other pads
VAIN
CHS3:CHS0
To other pads
Note: I/O pins have protection diodes to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com