Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 65Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 66Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 67Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 68Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 69Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 70Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 71Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 72Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 69
PIC17C7XX
10.0
I/O PORTS
PIC17C75X devices have seven I/O ports, PORTA
through PORTG. PIC17C76X devices have nine I/O
ports, PORTA through PORTJ. PORTB through PORTJ
have a corresponding Data Direction Register (DDR),
which is used to configure the port pins as inputs or out-
puts. Some of these ports pins are multiplexed with
alternate functions.
PORTC, PORTD, and PORTE are multiplexed with the
system bus. These pins are configured as the system
bus when the device’s configuration bits are selected to
Microprocessor or Extended Microcontroller modes. In
the two other microcontroller modes, these pins are
general purpose I/O.
PORTA, PORTB, PORTE<3>, PORTF, PORTG and the
upper four bits of PORTH are multiplexed with the
peripheral features of the device. These peripheral fea-
tures are:
• Timer modules
• Capture modules
• PWM modules
• USART/SCI modules
• SSP Module
• A/D Module
• External Interrupt pin
When some of these peripheral modules are turned on,
the port pin will automatically configure to the alternate
function. The modules that do this are:
• PWM module
• SSP module
• USART/SCI module
When a pin is automatically configured as an output by
a peripheral module, the pins data direction (DDR) bit
is unknown. After disabling the peripheral module, the
user should re-initialize the DDR bit to the desired con-
figuration.
The other peripheral modules (which require an input)
must have their data direction bits configured appropri-
ately.
When the device enters the "reset state" the Data
Direction registers (DDR) are forced set which will
make the I/O hi-impendance inputs. The reset state of
some peripheral modules may force the I/O to other
operations, such as analog inputs or the system bus.
Note:
A pin that is a peripheral input, can be con-
figured as an output (DDRx<y> is cleared).
The peripheral events will be determined
by the action output on the port pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com