Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 45Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 46Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 47Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 48Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 49Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 50Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 51Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 52Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 49
PIC17C7XX
7.2.2.1
ALU STATUS REGISTER (ALUSTA)
The ALUSTA register contains the status bits of the
Arithmetic and Logic Unit and the mode control bits for
the indirect addressing register.
As with all the other registers, the ALUSTA register can
be the destination for any instruction. If the ALUSTA
register is the destination for an instruction that affects
the Z, DC, C, or OV bits, then the write to these three
bits is disabled. These bits are set or cleared according
to the device logic. Therefore, the result of an instruc-
tion with the ALUSTA register as destination may be
different than intended.
For example, the CLRF ALUSTA, F instruction will clear
the upper four bits and set the Z bit. This leaves the
ALUSTA register as 0000u1uu (where u = unchanged).
It is recommended, therefore, that only BCF, BSF, SWAPF
and MOVWF instructions be used to alter the ALUSTA
register because these instructions do not affect any
status bits. To see how other instructions affect the sta-
tus bits, see the “Instruction Set Summary.”
The Arithmetic and Logic Unit (ALU) is capable of car-
rying out arithmetic or logical operations on two oper-
ands
or
a
single
operand. All
single
operand
instructions operate either on the WREG register or the
given file register. For two operand instructions, one of
the operands is the WREG register and the other is
either a file register or an 8-bit immediate constant.
Note 1: The C and DC bits operate as a borrow
and digit borrow bit, respectively, in sub-
traction. See the SUBLW and SUBWF
instructions for examples.
Note 2: The overflow bit will be set if the 2’s com-
plement result exceeds +127 or is less
than -128.
FIGURE 7-6:
ALUSTA REGISTER (ADDRESS: 04h, UNBANKED)
R/W - 1
R/W - 1
R/W - 1
R/W - 1
R/W - x
R/W - x
R/W - x
R/W - x
FS3
FS2
FS1
FS0
OV
Z
DC
C
R = Readable bit
W = Writable bit
-n = Value at POR reset
(x = unknown)
bit7
bit0
bit 7-6:
FS3:FS2: FSR1 Mode Select bits
00 = Post auto-decrement FSR1 value
01 = Post auto-increment FSR1 value
1x = FSR1 value does not change
bit 5-4:
FS1:FS0: FSR0 Mode Select bits
00 = Post auto-decrement FSR0 value
01 = Post auto-increment FSR0 value
1x = FSR0 value does not change
bit 3:
OV: Overflow bit
This bit is used for signed arithmetic (2’s complement). It indicates an overflow of the 7-bit magnitude,
which causes the sign bit (bit7) to change state.
1 = Overflow occurred for signed arithmetic, (in this arithmetic operation)
0 = No overflow occurred
bit 2:
Z: Zero bit
1 = The result of an arithmetic or logic operation is zero
0 = The results of an arithmetic or logic operation is not zero
bit 1:
DC: Digit carry/borrow bit
For ADDWF and ADDLW instructions.
1 = A carry-out from the 4th low order bit of the result occurred
0 = No carry-out from the 4th low order bit of the result
Note: For borrow the polarity is reversed.
bit 0:
C: carry/borrow bit
For ADDWF and ADDLW instructions. Note that a subtraction is executed by adding the two’s complement
of the second operand.
For rotate (RRCF, RLCF) instructions, this bit is loaded with either the high or low order bit of the source
register.
1 = A carry-out from the most significant bit of the result occurred
0 = No carry-out from the most significant bit of the result
Note: For borrow the polarity is reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com