Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 25Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 26Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 27Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 28Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 29Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 30Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 31Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 32Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 29
PIC17C7XX
5.1.5
BROWN-OUT RESET (BOR)
PIC17C7XX devices have on-chip Brown-out Reset cir-
cuitry. This circuitry places the device into a reset when
the device voltage falls below a trip point (BVDD). This
ensures that the device does not continue program
execution outside the valid operation range of the
device. Brown-out resets are typically used in AC line
applications or large battery applications where large
loads may be switched in (such as automotive).
The BODEN configuration bit can disable (if clear/pro-
grammed) or enable (if set) the Brown-out Reset cir-
cuitry. If VDD falls below BVDD (Typically 4.0V,
parameter #D005 in electrical specification section), for
greater than parameter #35, the brown-out situation will
reset the chip. A reset is not guaranteed to occur if VDD
falls below BVDD for less than parameter #35. The chip
will remain in Brown-out Reset until VDD rises above
BVDD. The Power-up Timer and Oscillator Start-up
Timer will then be invoked. This will keep the chip in
reset the greater of 96 ms and 1024 TOSC. If VDD drops
below BVDD while the Power-up Timer/Oscillator
Start-up Timer is running, the chip will go back into a
Brown-out
Reset. The
Power-up Timer/Oscillator
Start-up Timer will be initialized. Once VDD rises above
BVDD, the Power-up Timer/Oscillator Start-up Timer
will start their time delays. Figure 5-10 shows typical
Brown-out situations.
In some applications, the Brown-out reset trip point of
the device may not be at the desired level. Figure 5-8
and Figure 5-9 are two examples of external circuitry
that may be implemented. Each needs to be evaluated
to determine if they match the requirements of the
application.
Note:
Before using the on-chip brown-out for a
voltage
supervisory
function,
please
review the electrical specifications to
ensure that they meet your requirements.
FIGURE 5-8:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 5-9:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
VDD
33k
10k
Ω
40 k
Ω
VDD
MCLR
PIC17CXXX
This circuit will activate reset when VDD goes below
(Vz + 0.7V) where Vz = Zener voltage.
This brown-out circuit is less expensive, albeit less
accurate. Transistor Q1 turns off when VDD is below a
certain level such that:
VDD •
R1
R1 + R2
= 0.7V
R2
40 k
Ω
VDD
MCLR
PIC17CXXX
R1
Q1
VDD
FIGURE 5-10: BROWN-OUT SITUATIONS
Greater of 96 ms
BVDD Max.
BVDD Min.
VDD
Internal
Reset
BVDD Max.
BVDD Min.
VDD
Internal
Reset
< 96 ms
BVDD Max.
BVDD Min.
VDD
Internal
Reset
and 1024 Tosc
Greater of 96 ms
and 1024 Tosc
Greater of 96 ms
and 1024 Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com