Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 58Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 59Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 60Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 61Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 62Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 63Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 64Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 65Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 328 page
background image
PIC17C7XX
DS30289A-page 62
© 1998 Microchip Technology Inc.
8.3
Table Reads
The table read allows the program memory to be read.
This allows constants to be stored in the program
memory space, and retrieved into data memory when
needed. Example 8-2 reads the 16-bit value at pro-
gram memory address TBLPTR.
After the dummy
byte has been read from the TABLATH, the TABLATH
is loaded with the 16-bit data from program memory
address TBLPTR, and then increments the TBLPTR
value. The first read loads the data into the latch, and
can be considered a dummy read (unknown data
loaded into 'f'). INDF0 should be configured for either
auto-increment or auto-decrement.
EXAMPLE 8-2:
TABLE READ
MOVLW
HIGH (TBL_ADDR) ; Load the Table
MOVWF
TBLPTRH
;
address
MOVLW
LOW (TBL_ADDR)
;
MOVWF
TBLPTRL
;
TABLRD
0, 1, DUMMY
; Dummy read,
;
Updates TABLATH
;
Increments TBLPTR
TLRD
1, INDF0
; Read HI byte
;
of TABLATH
TABLRD
0, 1, INDF0
; Read LO byte
;
of TABLATL and
;
Update TABLATH
;
Increment TBLPTR
FIGURE 8-7:
TABLRD
TIMING
FIGURE 8-8:
TABLRD
TIMING (CONSECUTIVE TABLRD INSTRUCTIONS)
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
AD15:AD0
Instruction
fetched
Instruction
executed
ALE
OE
WR
TABLRD
INST (PC+1)
INST (PC+2)
INST (PC-1)
TABLRD cycle1
TABLRD cycle2
INST (PC+1)
Data read cycle
PC
PC+1
TBL
Data in
PC+2
'1'
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
AD15:AD0
Instruction
fetched
Instruction
executed
TABLRD1
TABLRD2
INST (PC+2)
INST (PC+3)
INST (PC+2)
ALE
OE
WR
INST (PC-1)
TABLRD1 cycle1 TABLRD1 cycle2 TABLRD2 cycle1 TABLRD2 cycle2
Data read cycle
Data read cycle
'1'
PC
PC+1
PC+2
PC+3
TBL1 Data in 1
TBL2
Data in 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com