Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 91Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 92Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 93Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 94Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 95Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 96Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 97Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 98Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 95
PIC17C7XX
12.0
TIMER0
The Timer0 module consists of a 16-bit timer/counter,
TMR0. The high byte is register TMR0H and the low
byte is register TMR0L. A software programmable 8-bit
prescaler makes Timer0 an effective 24-bit overflow
timer. The clock source is software programmable as
either the internal instruction clock or an external clock
on the RA1/T0CKI pin. The control bits for this module
are in register T0STA (Figure 12-1).
FIGURE 12-1: T0STA REGISTER
(ADDRESS: 05h, UNBANKED)
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
U - 0
INTEDG
T0SE
T0CS
T0PS3
T0PS2
T0PS1
T0PS0
R = Readable bit
W = Writable bit
U = Unimplemented,
Read as '0'
-n = Value at POR reset
bit7
bit0
bit 7:
INTEDG: RA0/INT Pin Interrupt Edge Select bit
This bit selects the edge upon which the interrupt is detected
1 = Rising edge of RA0/INT pin generates interrupt
0 = Falling edge of RA0/INT pin generates interrupt
bit 6:
T0SE: Timer0 Clock Input Edge Select bit
This bit selects the edge upon which TMR0 will increment
When T0CS = 0 (External Clock)
1 = Rising edge of RA1/T0CKI pin increments TMR0 and/or sets the T0CKIF bit
0 = Falling edge of RA1/T0CKI pin increments TMR0 and/or sets the T0CKIF bit
When T0CS = 1 (Internal Clock)
Don’t care
bit 5:
T0CS: Timer0 Clock Source Select bit
This bit selects the clock source for TMR0.
1 = Internal instruction clock cycle (TCY)
0 = External Clock input on the T0CKI pin
bit 4-1:
T0PS3:T0PS0: Timer0 Prescale Selection bits
These bits select the prescale value for TMR0.
bit 0:
Unimplemented: Read as '0'
T0PS3:T0PS0
Prescale Value
0000
0001
0010
0011
0100
0101
0110
0111
1xxx
1:1
1:2
1:4
1:8
1:16
1:32
1:64
1:128
1:256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com