Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 71Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 72Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 73Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 74Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 75Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 76Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 77Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 78Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 75
PIC17C7XX
TABLE 10-3:
PORTB FUNCTIONS
TABLE 10-4:
REGISTERS/BITS ASSOCIATED WITH PORTB
Name
Bit
Buffer Type
Function
RB0/CAP1
bit0
ST
Input/Output or the Capture1 input pin. Software programmable weak
pull-up and interrupt on change features.
RB1/CAP2
bit1
ST
Input/Output or the Capture2 input pin. Software programmable weak
pull-up and interrupt on change features.
RB2/PWM1
bit2
ST
Input/Output or the PWM1 output pin. Software programmable weak pull-up
and interrupt on change features.
RB3/PWM2
bit3
ST
Input/Output or the PWM2 output pin. Software programmable weak pull-up
and interrupt on change features.
RB4/TCLK12
bit4
ST
Input/Output or the external clock input to Timer1 and Timer2. Software pro-
grammable weak pull-up and interrupt on change features.
RB5/TCLK3
bit5
ST
Input/Output or the external clock input to Timer3. Software programmable
weak pull-up and interrupt on change features.
RB6/SCK
bit6
ST
Input/Output or the master/slave clock for the SPI. Software programmable
weak pull-up and interrupt on change features.
RB7/SDO
bit7
ST
Input/Output or data output for the SPI. Software programmable weak
pull-up and interrupt on change features.
Legend: ST = Schmitt Trigger input.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR,
WDT
12h, Bank 0
PORTB
RB7/
SDO
RB6/
SCK
RB5/
TCLK3
RB4/
TCLK12
RB3/
PWM2
RB2/
PWM1
RB1/
CAP2
RB0/
CAP1
xxxx xxxx
uuuu uuuu
11h, Bank 0
DDRB
Data direction register for PORTB
1111 1111
1111 1111
10h, Bank 0
PORTA
RBPU
—
RA5/
TX1/CK1
RA4/
RX1/DT1
RA3/
SDI/SDA
RA2/
SS/SCL
RA1/T0CKI
RA0/INT
0-xx 11xx
0-uu 11uu
06h, Unbanked
CPUSTA
—
—
STKAV
GLINTD
TO
PD
POR
BOR
--11 11qq
--11 qquu
07h, Unbanked
INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
16h, Bank 1
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
x000 0010
u000 0010
17h, Bank 1
PIE1
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
16h, Bank 3
TCON1
CA2ED1
CA2ED0
CA1ED1
CA1ED0
T16
TMR3CS
TMR2CS
TMR1CS
0000 0000
0000 0000
17h, Bank 3
TCON2
CA2OVF CA1OVF
PWM2ON
PWM1ON
CA1/PR3
TMR3ON
TMR2ON
TMR1ON 0000 0000 0000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0', q = Value depends on condition.
Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com