Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 28Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 29Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 30Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 31Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 32Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 33Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 34Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 35Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 328 page
background image
PIC17C7XX
DS30289A-page 32
© 1998 Microchip Technology Inc.
6.1
Interrupt Status Register (INTSTA)
The Interrupt Status/Control register (INTSTA) contains
the flag and enable bits for non-peripheral interrupts.
The PEIF bit is a read only, bit wise OR of all the periph-
eral flag bits in the PIR registers (Figure 6-5 and
Figure 6-6).
Care should be taken when clearing any of the INTSTA
register enable bits when interrupts are enabled
(GLINTD is clear). If any of the INTSTA flag bits (T0IF,
INTF, T0CKIF, or PEIF) are set in the same instruction
cycle as the corresponding interrupt enable bit is
cleared, the device will vector to the reset address
(0x00).
Prior to disabling any of the INTSTA enable bits, the
GLINTD bit should be set (disabled).
Note:
All interrupt flag bits get set by their speci-
fied condition, even if the corresponding
interrupt enable bit is clear (interrupt dis-
abled) or the GLINTD bit is set (all inter-
rupts disabled).
FIGURE 6-2:
INTSTA REGISTER (ADDRESS: 07h, UNBANKED)
R - 0
R/W - 0 R/W - 0 R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
R = Readable bit
W = Writable bit
- n = Value at POR reset
bit7
bit0
bit 7:
PEIF: Peripheral Interrupt Flag bit
This bit is the OR of all peripheral interrupt flag bits AND’ed with their corresponding enable bits. The
interrupt logic forces program execution to address (20h) when a peripheral interrupt is pending.
1 = A peripheral interrupt is pending
0 = No peripheral interrupt is pending
bit 6:
T0CKIF: External Interrupt on T0CKI Pin Flag bit
This bit is cleared by hardware, when the interrupt logic forces program execution to address (18h).
1 = The software specified edge occurred on the RA1/T0CKI pin
0 = The software specified edge did not occur on the RA1/T0CKI pin
bit 5:
T0IF: TMR0 Overflow Interrupt Flag bit
This bit is cleared by hardware, when the interrupt logic forces program execution to address (10h).
1 = TMR0 overflowed
0 = TMR0 did not overflow
bit 4:
INTF: External Interrupt on INT Pin Flag bit
This bit is cleared by hardware, when the interrupt logic forces program execution to address (08h).
1 = The software specified edge occurred on the RA0/INT pin
0 = The software specified edge did not occur on the RA0/INT pin
bit 3:
PEIE: Peripheral Interrupt Enable bit
This bit acts as a global enable bit for the peripheral interrupts that have their corresponding enable bits
set.
1 = Enable peripheral interrupts
0 = Disable peripheral interrupts
bit 2:
T0CKIE: External Interrupt on T0CKI Pin Enable bit
1 = Enable software specified edge interrupt on the RA1/T0CKI pin
0 = Disable interrupt on the RA1/T0CKI pin
bit 1:
T0IE: TMR0 Overflow Interrupt Enable bit
1 = Enable TMR0 overflow interrupt
0 = Disable TMR0 overflow interrupt
bit 0:
INTE: External Interrupt on RA0/INT Pin Enable bit
1 = Enable software specified edge interrupt on the RA0/INT pin
0 = Disable software specified edge interrupt on the RA0/INT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com