Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 95Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 96Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 97Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 98Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 99Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 100Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 101Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 102Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 99
PIC17C7XX
13.0
TIMER1, TIMER2, TIMER3,
PWMS AND CAPTURES
The PIC17C7XX has a wealth of timers and time-based
functions to ease the implementation of control applica-
tions. These time-base functions include three PWM
outputs and four Capture inputs.
Timer1 and Timer2 are two 8-bit incrementing timers,
each with an 8-bit period register (PR1 and PR2
respectively) and separate overflow interrupt flags.
Timer1 and Timer2 can operate either as timers (incre-
ment on internal Fosc/4 clock) or as counters (incre-
ment on falling edge of external clock on pin
RB4/TCLK12). They are also software configurable to
operate as a single 16-bit timer/counter. These timers
are also used as the time-base for the PWM (Pulse
Width Modulation) modules.
Timer3 is a 16-bit timer/counter which uses the TMR3H
and TMR3L registers. Timer3 also has two additional
registers (PR3H/CA1H: PR3L/CA1L) that are config-
urable as a 16-bit period register or a 16-bit capture
register. TMR3 can be software configured to incre-
ment from the internal system clock (FOSC/4) or from
an external signal on the RB5/TCLK3 pin. Timer3 is the
time-base for all of the 16-bit captures.
Six other registers comprise the Capture2, Capture3,
and Capture4 registers (CA2H:CA2L, CA3H:CA3L,
and CA4H:CA4L).
Figure 13-1, Figure 13-2, and Figure 13-3 are the con-
trol registers for the operation of Timer1, Timer2, and
Timer3, as well as PWM1, PWM2, PWM3, Capture1,
Capture2, Capture3, and Capture4.
Table 13-1 shows the Timer resource requirements for
these time-base functions. Each timer is an open
resource so that multiple functions may operate with it.
TABLE 13-1:
TIME-BASE FUNCTION /
RESOURCE
REQUIREMENTS
Time-base Function
Timer Resource
PWM1
Timer1
PWM2
Timer1 or Timer2
PWM3
Timer1 or Timer2
Capture1
Timer3
Capture2
Timer3
Capture3
Timer3
Capture4
Timer3
FIGURE 13-1: TCON1 REGISTER (ADDRESS: 16h, BANK 3)
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
CA2ED1 CA2ED0 CA1ED1 CA1ED0
T16
TMR3CS TMR2CS TMR1CS
R = Readable bit
W = Writable bit
-n = Value at POR reset
bit7
bit0
bit 7-6:
CA2ED1:CA2ED0: Capture2 Mode Select bits
00 = Capture on every falling edge
01 = Capture on every rising edge
10 = Capture on every 4th rising edge
11 = Capture on every 16th rising edge
bit 5-4:
CA1ED1:CA1ED0: Capture1 Mode Select bits
00 = Capture on every falling edge
01 = Capture on every rising edge
10 = Capture on every 4th rising edge
11 = Capture on every 16th rising edge
bit 3:
T16: Timer2:Timer1 Mode Select bit
1 = Timer2 and Timer1 form a 16-bit timer
0 = Timer2 and Timer1 are two 8-bit timers
bit 2:
TMR3CS: Timer3 Clock Source Select bit
1 = TMR3 increments off the falling edge of the RB5/TCLK3 pin
0 = TMR3 increments off the internal clock
bit 1:
TMR2CS: Timer2 Clock Source Select bit
1 = TMR2 increments off the falling edge of the RB4/TCLK12 pin
0 = TMR2 increments off the internal clock
bit 0:
TMR1CS: Timer1 Clock Source Select bit
1 = TMR1 increments off the falling edge of the RB4/TCLK12 pin
0 = TMR1 increments off the internal clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com