Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 97Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 98Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 99Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 100Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 101Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 102Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 103Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 104Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 101
PIC17C7XX
FIGURE 13-3: TCON3 REGISTER (ADDRESS: 16h, BANK 7)
U-0
R - 0
R - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
—
CA4OVF CA3OVF
CA4ED1 CA4ED0 CA3ED1 CA3ED0 PWM3ON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
Reads as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7:
Unimplemented: Read as ‘0’
bit 6:
CA4OVF: Capture4 Overflow Status bit
This bit indicates that the capture value had not been read from the capture register pair (CA4H:CA4L)
before the next capture event occurred. The capture register retains the oldest unread capture value (last
capture before overflow). Subsequent capture events will not update the capture register with the TMR3
value until the capture register has been read (both bytes).
1 = Overflow occurred on Capture4 registers
0 = No overflow occurred on Capture4 registers
bit 5:
CA3OVF: Capture3 Overflow Status bit
This bit indicates that the capture value had not been read from the capture register pair (CA3H:CA3L)
before the next capture event occurred. The capture register retains the oldest unread capture value (last
capture before overflow). Subsequent capture events will not update the capture register with the TMR3
value until the capture register has been read (both bytes).
1 = Overflow occurred on Capture3 registers
0 = No overflow occurred on Capture3 registers
bit 4-3:
CA4ED1:CA4ED0: Capture4 Mode Select bits
00
= Capture on every falling edge
01
= Capture on every rising edge
10
= Capture on every 4th rising edge
11
= Capture on every 16th rising edge
bit 2-1:
CA3ED1:CA3ED0: Capture3 Mode Select bits
00
= Capture on every falling edge
01
= Capture on every rising edge
10
= Capture on every 4th rising edge
11
= Capture on every 16th rising edge
bit 0:
PWM3ON: PWM3 On bit
1 = PWM3 is enabled (The RG5/PWM3 pin ignores the state of the DDRG<5> bit)
0 = PWM3 is disabled (The RG5/PWM3 pin uses the state of the DDRG<5> bit for data direction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com