Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 98Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 99Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 100Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 101Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 102Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 103Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 104Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 105Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 328 page
background image
PIC17C7XX
DS30289A-page 102
© 1998 Microchip Technology Inc.
13.1
Timer1 and Timer2
13.1.1
TIMER1, TIMER2 IN 8-BIT MODE
Both Timer1 and Timer2 will operate in 8-bit mode
when the T16 bit is clear. These two timers can be inde-
pendently configured to increment from the internal
instruction cycle clock (TCY) or from an external clock
source on the RB4/TCLK12 pin. The timer clock source
is configured by the TMRxCS bit (x = 1 for Timer1 or =
2 for Timer2). When TMRxCS is clear, the clock source
is internal and increments once every instruction cycle
(Fosc/4). When TMRxCS is set, the clock source is the
RB4/TCLK12 pin, and the counters will increment on
every falling edge of the RB4/TCLK12 pin.
The timer increments from 00h until it equals the Period
register (PRx). It then resets to 00h at the next incre-
ment cycle. The timer interrupt flag is set when the
timer is reset. TMR1 and TMR2 have individual inter-
rupt flag bits. The TMR1 interrupt flag bit is latched into
TMR1IF, and the TMR2 interrupt flag bit is latched into
TMR2IF.
Each timer also has a corresponding interrupt enable
bit (TMRxIE). The timer interrupt can be enabled/dis-
abled by setting/clearing this bit. For peripheral inter-
rupts to be enabled, the Peripheral Interrupt Enable bit
must be set (PEIE = '1') and global interrupt must be
enabled (GLINTD = '0').
The timers can be turned on and off under software
control. When the timer on control bit (TMRxON) is set,
the timer increments from the clock source. When
TMRxON is cleared, the timer is turned off and cannot
cause the timer interrupt flag to be set.
13.1.1.1
EXTERNAL CLOCK INPUT FOR TIMER1
AND TIMER2
When TMRxCS is set, the clock source is the
RB4/TCLK12 pin, and the counter will increment on
every falling edge on the RB4/TCLK12 pin. The
TCLK12 input is synchronized with internal phase
clocks. This causes a delay from the time a falling edge
appears on TCLK12 to the time TMR1 or TMR2 is actu-
ally incremented. For the external clock input timing
requirements, see the Electrical Specification section.
FIGURE 13-4: TIMER1 AND TIMER2 IN TWO 8-BIT TIMER/COUNTER MODE
Fosc/4
RB4/TCLK12
TMR1ON
(TCON2<0>)
TMR1CS
(TCON1<0>)
TMR1
PR1
Reset
Equal
Set TMR1IF
(PIR1<4>)
0
1
Comparator<8>
Comparator x8
Fosc/4
TMR2ON
(TCON2<1>)
TMR2CS
(TCON1<1>)
TMR2
PR2
Reset
Equal
Set TMR2IF
(PIR1<5>)
1
0
Comparator<8>
Comparator x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com