Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 99Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 100Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 101Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 102Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 103Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 104Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 105Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 106Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 103
PIC17C7XX
13.1.2
TIMER1 AND TIMER2 IN 16-BIT MODE
To select 16-bit mode, set the T16 bit. In this mode
TMR2 and TMR1 are concatenated to form a 16-bit
timer (TMR2:TMR1). The 16-bit timer increments until
it matches the 16-bit period register (PR2:PR1). On
the following timer clock, the timer value is reset to 0h,
and the TMR1IF bit is set.
When selecting the clock source for the 16-bit timer, the
TMR1CS bit controls the entire 16-bit timer and
TMR2CS is a “don’t care”, however ensure that
TMR2ON is set (allows TMR2 to increment). When
TMR1CS is clear, the timer increments once every
instruction cycle (Fosc/4). When TMR1CS is set, the
timer increments on every falling edge of the
RB4/TCLK12 pin. For the 16-bit timer to increment,
both TMR1ON and TMR2ON bits must be set
(Table 13-2).
TABLE 13-2:
TURNING ON 16-BIT TIMER
T16 TMR2ON TMR1ON
Result
11
1
16-bit timer
(TMR2:TMR1) ON
10
1
Only TMR1 increments
1x
0
16-bit timer OFF
01
1
Timers in 8-bit mode
13.1.2.1
EXTERNAL CLOCK INPUT FOR
TMR2:TMR1
When TMR1CS is set, the 16-bit TMR2:TMR1 incre-
ments on the falling edge of clock input TCLK12. The
input on the RB4/TCLK12 pin is sampled and synchro-
nized by the internal phase clocks twice every instruc-
tion cycle. This causes a delay from the time a falling
edge
appears
on
RB4/TCLK12
to
the
time
TMR2:TMR1 is actually incremented. For the external
clock input timing requirements, see the Electrical
Specification section.
FIGURE 13-5: TMR2 AND TMR1 IN 16-BIT TIMER/COUNTER MODE
RB4/TCLK12
Fosc/4
TMR1ON
(TCON2<0>)
TMR1CS
(TCON1<0>)
TMR1 x 8
PR1 x 8
Reset
Equal
Set Interrupt TMR1IF
(PIR1<4>)
1
0
Comparator<8>
Comparator x16
TMR2 x 8
PR2 x 8
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com