Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 103Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 104Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 105Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 106Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 107Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 108Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 109Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 110Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 107
PIC17C7XX
13.1.3.3
EXTERNAL CLOCK SOURCE
The PWMs will operate regardless of the clock source
of the timer. The use of an external clock has ramifica-
tions that must be understood. Because the external
TCLK12 input is synchronized internally (sampled once
per instruction cycle), the time TCLK12 changes to the
time the timer increments will vary by as much as 1TCY
(one instruction cycle). This will cause jitter in the duty
cycle as well as the period of the PWM output.
This jitter will be
±1TCY, unless the external clock is
synchronized with the processor clock. Use of one of
the PWM outputs as the clock source to the TCLK12
input, will supply a synchronized clock.
In general, when using an external clock source for
PWM, its frequency should be much less than the
device frequency (Fosc).
13.1.3.3.1 MAX RESOLUTION/FREQUENCY FOR
EXTERNAL CLOCK INPUT
The use of an external clock for the PWM time-base
(Timer1 or Timer2) limits the PWM output to a maxi-
mum resolution of 8-bits. The PWxDCL<7:6> bits must
be kept cleared. Use of any other value will distort the
PWM output. All resolutions are supported when inter-
nal clock mode is selected. The maximum attainable
frequency is also lower. This is a result of the timing
requirements of an external clock input for a timer (see
the Electrical Specification section). The maximum
PWM frequency, when the timers clock source is the
RB4/TCLK12 pin, as shown in Table 13-4 (standard
resolution mode).
TABLE 13-5:
REGISTERS/BITS ASSOCIATED WITH PWM
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR,
WDT
16h, Bank 3
TCON1
CA2ED1
CA2ED0
CA1ED1
CA1ED0
T16
TMR3CS
TMR2CS
TMR1CS
0000 0000
0000 0000
17h, Bank 3
TCON2
CA2OVF
CA1OVF
PWM2ON
PWM1ON
CA1/PR3
TMR3ON
TMR2ON
TMR1ON
0000 0000
0000 0000
16h, Bank 7
TCON3
—
CA4OVF
CA3OVF
CA4ED1
CA4ED0
CA3ED1
CA3ED0
PWM3ON
-000 0000
-000 0000
10h, Bank 2
TMR1
Timer1’s register
xxxx xxxx
uuuu uuuu
11h, Bank 2
TMR2
Timer2’s register
xxxx xxxx
uuuu uuuu
16h, Bank 1
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
x000 0010
u000 0010
17h, Bank 1
PIE1
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
07h, Unbanked
INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
06h, Unbanked
CPUSTA
—
—
STKAV
GLINTD
TO
PD
POR
BOR
--11 11qq
--11 qquu
14h, Bank 2
PR1
Timer1 period register
xxxx xxxx
uuuu uuuu
15h, Bank 2
PR2
Timer2 period register
xxxx xxxx
uuuu uuuu
10h, Bank 3
PW1DCL
DC1
DC0
—
—
—
—
—
—
xx-- ----
uu-- ----
11h, Bank 3
PW2DCL
DC1
DC0
TM2PW2
—
—
—
—
—
xx0- ----
uu0- ----
10h, Bank 7
PW3DCL
DC1
DC0
TM2PW3
—
—
—
—
—
xx0- ----
uu0- ----
12h, Bank 3
PW1DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
13h, Bank 3
PW2DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
11h, Bank 7
PW3DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0', q = value depends on conditions,
shaded cells are not used by PWM Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com