Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 105Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 106Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 107Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 108Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 109Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 110Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 111Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 112Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 109
PIC17C7XX
This mode (3 Capture, 1 Period) is selected if control bit
CA1/PR3 is clear. In this mode, the Capture1 register,
consisting of high byte (PR3H/CA1H) and low byte
(PR3L/CA1L), is configured as the period control regis-
ter for TMR3. Capture1 is disabled in this mode, and
the corresponding Interrupt bit CA1IF is never set.
TMR3 increments until it equals the value in the period
register and then resets to 0000h on the next timer
clock.
All other Captures are active in this mode.
13.2.1.1
CAPTURE OPERATION
The CAxED1 and CAxED0 bits determine the event on
which capture will occur. The possible events are:
• Capture on every falling edge
• Capture on every rising edge
• Capture every 4th rising edge
• Capture every 16th rising edge
When a capture takes place, an interrupt flag is latched
into the CAxIF bit. This interrupt can be enabled by set-
ting the corresponding mask bit CAxIE. The Peripheral
Interrupt Enable bit (PEIE) must be set and the Global
Interrupt Disable bit (GLINTD) must be cleared for the
interrupt to be acknowledged. The CAxIF interrupt flag
bit is cleared in software.
When the capture prescale select is changed, the pres-
caler is not reset and an event may be generated.
Therefore, the first capture after such a change will be
ambiguous. However, it sets the time-base for the next
capture. The prescaler is reset upon chip reset.
The capture pin, CAPx, is a multiplexed pin. When
used as a port pin, the capture is not disabled. How-
ever, the user can simply disable the Capture interrupt
by clearing CAxIE. If the CAPx pin is used as an output
pin, the user can activate a capture by writing to the
port pin. This may be useful during development phase
to emulate a capture interrupt.
The input on the capture pin CAPx is synchronized
internally to internal phase clocks. This imposes certain
restrictions on the input waveform (see the Electrical
Specification section for timing).
The capture overflow status flag bit is double buffered.
The master bit is set if one captured word is already
residing in the Capture register (CAxH:CAxL) and
another “event” has occurred on the CAPx pin. The new
event will not transfer the TMR3 value to the capture
register, protecting the previous unread capture value.
When the user reads both the high and the low bytes
(in any order) of the Capture register, the master
overflow bit is transferred to the slave overflow bit
(CAxOVF) and then the master bit is reset. The user
can then read TCONx to determine the value of
CAxOVF.
The recommended sequence to read capture registers
and
capture
overflow
flag
bits
is
shown
in
Example 13-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com