Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 108Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 109Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 110Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 111Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 112Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 113Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 114Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 115Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 328 page
background image
PIC17C7XX
DS30289A-page 112
© 1998 Microchip Technology Inc.
13.2.4
EXTERNAL CLOCK INPUT FOR TIMER3
When TMR3CS is set, the 16-bit TMR3 increments on
the falling edge of clock input TCLK3. The input on the
RB5/TCLK3 pin is sampled and synchronized by the
internal phase clocks twice every instruction cycle. This
causes a delay from the time a falling edge appears on
TCLK3 to the time TMR3 is actually incremented. For
the external clock input timing requirements, see the
Electrical Specification section. Figure 13-10 shows
the timing diagram when operating from an external
clock.
13.2.5
READING/WRITING TIMER3
Since Timer3 is a 16-bit timer and only 8-bits at a time
can be read or written, care should be taken when
reading or writing while the timer is running. The best
method is to stop the timer, perform any read or write
operation, and then restart Timer3 (using the TMR3ON
bit). However, if it is necessary to keep Timer3 free-run-
ning, care must be taken. For writing to the 16-bit
TMR3, Example 13-2 may be used. For reading the
16-bit TMR3, Example 13-3 may be used. Interrupts
must be disabled during this routine.
EXAMPLE 13-2: WRITING TO TMR3
EXAMPLE 13-3: READING FROM TMR3
FIGURE 13-10: TIMER1, TIMER2, AND TIMER3 OPERATION (IN COUNTER MODE)
BSF
CPUSTA, GLINTD
; Disable interrupts
MOVFP
RAM_L,
TMR3L
;
MOVFP
RAM_H,
TMR3H
;
BCF
CPUSTA, GLINTD
; Done, enable interrupts
MOVPF
TMR3L, TMPLO
; read low TMR3
MOVPF
TMR3H, TMPHI
; read high TMR3
MOVFP
TMPLO, WREG
; tmplo
−> wreg
CPFSLT
TMR3L
; TMR3L < wreg?
RETURN
; no then return
MOVPF
TMR3L, TMPLO
; read low TMR3
MOVPF
TMR3H, TMPHI
; read high TMR3
RETURN
; return
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Instruction
executed
MOVWF
MOVFP
TMRx,W
TMRx
MOVFP
TMRx,W
Write to TMRx
Read TMRx
Read TMRx
34h
35h
A8h
A9h
00h
'A9h'
'A9h'
TCLK12
TMR1, TMR2, or TMR3
PR1, PR2, or PR3H:PR3L
WR_TMR
RD_TMR
TMRxIF
Note 1: TCLK12 is sampled in Q2 and Q4.
2: ↓ indicates a sampling point.
3: The latency from TCLK12
↓ to timer increment is between 2Tosc and 6Tosc.
or TCLK3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com