Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 111Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 112Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 113Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 114Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 115Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 116Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 117Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 118Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 115
PIC17C7XX
14.0
UNIVERSAL SYNCHRONOUS
ASYNCHRONOUS RECEIVER
TRANSMITTER (USART)
MODULES
Each USART module is a serial I/O module. There are
two USART modules that are available on the
PIC17C7XX. They are specified as USART1 and
USART2. The description of the operation of these
modules is generic in regard to the register names and
pin names used. Table 14-1 shows the generic names
that are used in the description of operation and the
actual names for both USART1 and USART2. Since
the control bits in each register have the same function,
their names are the same (there is no need to differen-
tiate).
The Transmit Status And Control Register (TXSTA) is
shown in Figure 14-1, while the Receive Status And
Control Register (RCSTA) is shown in Figure 14-2.
TABLE 14-1:
USART MODULE GENERIC
NAMES
Generic name
USART1 name
USART2 name
Registers
RCSTA
RCSTA1
RCSTA2
TXSTA
TXSTA1
TXSTA2
SPBRG
SPBRG1
SPBRG2
RCREG
RCREG1
RCREG2
TXREG
TXREG1
TXREG2
Interrupt Control Bits
RCIE
RC1IE
RC2IE
RCIF
RC1IF
RC2IF
TXIE
TX1IE
TX2IE
TXIF
TX1IF
TX2IF
Pins
RX/DT
RA4/RX1/DT1
RG6/RX2/DT2
TX/CK
RA5/TX1/CK1
RG7/TX2/CK2
FIGURE 14-1: TXSTA1 REGISTER (ADDRESS: 15h, BANK 0)
TXSTA2 REGISTER (ADDRESS: 15h, BANK 4)
R/W - 0
R/W - 0
R/W - 0
R/W - 0
U - 0
U - 0
R - 1
R/W - x
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
R = Readable bit
W = Writable bit
-n = Value at POR reset
(x = unknown)
bit7
bit0
bit 7:
CSRC: Clock Source Select bit
Synchronous mode:
1 = Master Mode (Clock generated internally from BRG)
0 = Slave mode (Clock from external source)
Asynchronous mode:
Don’t care
bit 6:
TX9: 9-bit Transmit Select bit
1 = Selects 9-bit transmission
0 = Selects 8-bit transmission
bit 5:
TXEN: Transmit Enable bit
1 = Transmit enabled
0 = Transmit disabled
SREN/CREN overrides TXEN in SYNC mode
bit 4:
SYNC: USART Mode Select bit
(Synchronous/Asynchronous)
1 = Synchronous mode
0 = Asynchronous mode
bit 3-2:
Unimplemented: Read as '0'
bit 1:
TRMT: Transmit Shift Register (TSR) Empty bit
1 = TSR empty
0 = TSR full
bit 0:
TX9D: 9th bit of transmit data (can be used to calculated the parity in software)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com