Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 114Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 115Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 116Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 117Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 118Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 119Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 120Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 121Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 328 page
background image
PIC17C7XX
DS30289A-page 118
© 1998 Microchip Technology Inc.
14.1
USART Baud Rate Generator (BRG)
The BRG supports both the Asynchronous and Syn-
chronous modes of the USART. It is a dedicated 8-bit
baud rate generator. The SPBRG register controls the
period of a free running 8-bit timer. Table 14-2 shows
the formula for computation of the baud rate for differ-
ent USART modes. These only apply when the USART
is in synchronous master mode (internal clock) and
asynchronous mode.
Given the desired baud rate and Fosc, the nearest inte-
ger value between 0 and 255 can be calculated using
the formula below. The error in baud rate can then be
determined.
TABLE 14-2:
BAUD RATE FORMULA
Example 14-1 shows the calculation of the baud rate
error for the following conditions:
FOSC = 16 MHz
Desired Baud Rate = 9600
SYNC = 0
EXAMPLE 14-1: CALCULATING BAUD
RATE ERROR
SYNC
Mode
Baud Rate
0
1
Asynchronous
Synchronous
FOSC/(64(X+1))
FOSC/(4(X+1))
X = value in SPBRG (0 to 255)
Desired Baud rate=Fosc / (64 (X + 1))
9600 =
16000000 /(64 (X + 1))
X
=
25.042
→ 25
Calculated Baud Rate=16000000 / (64 (25 + 1))
=
9615
Error =
(Calculated Baud Rate - Desired Baud Rate)
Desired Baud Rate
=
(9615 - 9600) / 9600
=
0.16%
Writing a new value to the SPBRG, causes the BRG
timer to be reset (or cleared), this ensures that the BRG
does not wait for a timer overflow before outputting the
new baud rate.
14.1.1
EFFECTS OF RESET
After any device reset the SPBRG register is cleared.
The SPBRG register will need to be loaded with the
desired value after each reset.
TABLE 14-3:
REGISTERS ASSOCIATED WITH BAUD RATE GENERATOR
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR, WDT
13h, Bank 0
RCSTA1
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
15h, Bank 0
TXSTA1
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 0
SPBRG1
Baud rate generator register
0000 0000
0000 0000
13h, Bank 4
RCSTA2
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
15h, Bank 4
TXSTA2
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 4
SPBRG2
Baud rate generator register
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as a '0', shaded cells are not used by the Baud Rate Generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com