Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 18Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 19Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 20Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 21Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 22Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 23Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 24Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 25Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 328 page
background image
PIC17C7XX
DS30289A-page 22
© 1998 Microchip Technology Inc.
5.1
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST), and Brown-out Reset
(BOR)
5.1.1
POWER-ON RESET (POR)
The Power-on Reset circuit holds the device in reset
until VDD is above the trip point (in the range of 1.4V -
2.3V). The devices produce an internal reset for both
rising and falling VDD. To take advantage of the POR,
just tie the MCLR/VPP pin directly (or through a resistor)
to VDD. This will eliminate external RC components
usually needed to create Power-on Reset. A minimum
rise time for VDD is required. See Electrical Specifica-
tions for details.
Figure 5-2 and Figure 5-3 show two possible POR cir-
cuits.
FIGURE 5-2:
USING ON-CHIP POR
FIGURE 5-3:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR SLOW
VDD POWER-UP)
VDD
MCLR
PIC17CXXX
VDD
Note 1: An external Power-on Reset circuit is
required only if VDD power-up time is too
slow. The diode D helps discharge the
capacitor quickly when VDD powers
down.
2: R < 40 k
Ω is recommended to ensure
that the voltage drop across R does not
exceed 0.2V (max. leakage current spec.
on the MCLR/VPP pin is 5
µA). A larger
voltage drop will degrade VIH level on the
MCLR/VPP pin.
3: R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capaci-
tor C in the event of MCLR/VPP pin break-
down due to Electrostatic Discharge
(ESD) or Electrical Overstress (EOS).
C
R1
R
D
VDD
MCLR
PIC17CXXX
VDD
5.1.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 96 ms time-out
(nominal) on power-up. This occurs from the rising
edge of the internal POR signal if VDD and MCLR are
tied, or after the first rising edge of MCLR (detected
high). The Power-up Timer operates on an internal RC
oscillator. The chip is kept in RESET as long as the
PWRT is active. In most cases the PWRT delay allows
VDD to rise to an acceptable level.
The power-up time delay will vary from chip to chip and
with VDD and temperature. See DC parameters for
details.
5.1.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-up Timer (OST) provides a 1024
oscillator cycle (1024TOSC) delay whenever the PWRT
is invoked or a wake-up from SLEEP event occurs in XT
or LF mode. The PWRT and OST operate in parallel.
The
OST
counts
the
oscillator
pulses
on
the
OSC1/CLKIN pin. The counter only starts incrementing
after the amplitude of the signal reaches the oscillator
input thresholds. This delay allows the crystal oscillator
or resonator to stabilize before the device exits reset.
The length of the time-out is a function of the crys-
tal/resonator frequency.
Figure 5-4 shows the operation of the OST circuit. In
this figure the oscillator is of such a low frequency that
although enabled simultaneously, the OST does not
time-out until after the Power-up Timer time-out.
FIGURE 5-4:
OSCILLATOR START-UP
TIME (LOW FREQ)
VDD
MCLR
OSC2
OST TIME_OUT
PWRT TIME_OUT
INTERNAL RESET
TOSC1
TOST
TPWRT
POR or BOR Trip Point
This figure shows in greater detail the timings
involved with the oscillator start-up timer. In this
example the low frequency crystal start-up time is
larger than power-up time (TPWRT).
Tosc1 = time for the crystal oscillator to react to an
oscillation level detectable by the Oscillator
Start-up Timer (OST).
TOST = 1024TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com