Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 73Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 74Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 75Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 76Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 77Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 78Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 79Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 80Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 77
PIC17C7XX
TABLE 10-5:
PORTC FUNCTIONS
TABLE 10-6:
REGISTERS/BITS ASSOCIATED WITH PORTC
Name
Bit
Buffer Type
Function
RC0/AD0
bit0
TTL
Input/Output or system bus address/data pin.
RC1/AD1
bit1
TTL
Input/Output or system bus address/data pin.
RC2/AD2
bit2
TTL
Input/Output or system bus address/data pin.
RC3/AD3
bit3
TTL
Input/Output or system bus address/data pin.
RC4/AD4
bit4
TTL
Input/Output or system bus address/data pin.
RC5/AD5
bit5
TTL
Input/Output or system bus address/data pin.
RC6/AD6
bit6
TTL
Input/Output or system bus address/data pin.
RC7/AD7
bit7
TTL
Input/Output or system bus address/data pin.
Legend: TTL = TTL input.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR,
WDT
11h, Bank 1
PORTC
RC7/
AD7
RC6/
AD6
RC5/
AD5
RC4/
AD4
RC3/
AD3
RC2/
AD2
RC1/
AD1
RC0/
AD0
xxxx xxxx uuuu uuuu
10h, Bank 1
DDRC
Data direction register for PORTC
1111 1111 1111 1111
Legend: x = unknown, u = unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com