Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 13Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 14Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 15Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 16Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 17Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 18Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 19Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 20Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 17
PIC17C7XX
4.1.3
EXTERNAL CLOCK OSCILLATOR
In the EC oscillator mode, the OSC1 input can be
driven
by
CMOS
drivers.
In
this
mode,
the
OSC1/CLKIN
pin
is
hi-impedance
and
the
OSC2/CLKOUT pin is the CLKOUT output (4 TOSC).
FIGURE 4-4:
EXTERNAL CLOCK INPUT
OPERATION (EC OSC
CONFIGURATION)
Clock from
ext. system
OSC1
OSC2
PIC17CXXX
CLKOUT
(FOSC/4)
4.1.4
EXTERNAL CRYSTAL OSCILLATOR
CIRCUIT
Either a prepackaged oscillator can be used or a simple
oscillator circuit with TTL gates can be built. Prepack-
aged oscillators provide a wide operating range and
better stability. A well-designed crystal oscillator will
provide good performance with TTL gates. Two types
of crystal oscillator circuits can be used: one with series
resonance, or one with parallel resonance.
Figure 4-5 shows implementation of a parallel resonant
oscillator circuit. The circuit is designed to use the fun-
damental frequency of the crystal.
The 74AS04
inverter performs the 180-degree phase shift that a par-
allel oscillator requires. The 4.7 k
Ω resistor provides
the negative feedback for stability. The 10 k
Ω potenti-
ometer biases the 74AS04 in the linear region. This
could be used for external oscillator designs.
FIGURE 4-5:
EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
Figure 4-6 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental fre-
quency of the crystal. The inverter performs a
180-degree phase shift in a series resonant oscillator
circuit. The 330
Ω resistors provide the negative feed-
back to bias the inverters in their linear region.
FIGURE 4-6:
EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
20 pF
+5V
20 pF
10 k
Ω
4.7 k
Ω
10 k
Ω
74AS04
XTAL
10k
Ω
74AS04
PIC17CXXX
OSC1
To Other
Devices
330
Ω
74AS04
74AS04
PIC17CXXX
OSC1
To Other
Devices
XTAL
330
Ω
74AS04
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com