Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 118Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 119Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 120Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 121Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 122Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 123Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 124Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 125Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 328 page
background image
PIC17C7XX
DS30289A-page 122
© 1998 Microchip Technology Inc.
FIGURE 14-5: ASYNCHRONOUS MASTER TRANSMISSION
FIGURE 14-6: ASYNCHRONOUS MASTER TRANSMISSION (BACK TO BACK)
TABLE 14-6:
REGISTERS ASSOCIATED WITH ASYNCHRONOUS TRANSMISSION
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR, WDT
16h, Bank 1
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
x000 0010
u000 0010
17h, Bank 1
PIE1
RBIE
TMR3IE TMR2IE TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
13h, Bank 0
RCSTA1
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
16h, Bank 0
TXREG1
Serial port transmit register (USART1)
xxxx xxxx
uuuu uuuu
15h, Bank 0
TXSTA1
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 0
SPBRG1
Baud rate generator register (USART1)
0000 0000
0000 0000
10h, Bank 4
PIR2
SSPIF
BCLIF
ADIF
—
CA4IF
CA3IF
TX2IF
RC2IF
000- 0010
000- 0010
11h, Bank 4
PIE2
SSPIE
BCLIE
ADIE
—
CA4IE
CA3IE
TX2IE
RC2IE
000- 0000
000- 0000
13h, Bank 4
RCSTA2
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
16h, Bank 4
TXREG2
Serial port transmit register (USART2)
xxxx xxxx
uuuu uuuu
15h, Bank 4
TXSTA2
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 4
SPBRG2
Baud rate generator register (USART2)
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as a '0', shaded cells are not used for asynchronous
transmission.
Word 1
Stop Bit
Word 1
Transmit Shift Reg
Start Bit
Bit 0
Bit 1
Bit 7/8
Write to TXREG
Word 1
BRG output
(shift clock)
TX
TXIF bit
TRMT bit
(TX/CK pin)
Transmit Shift Reg.
Write to TXREG
BRG output
(shift clock)
TX
TXIF bit
TRMT bit
Word 1
Word 2
Word 1
Word 2
Start Bit
Stop Bit
Start Bit
Transmit Shift Reg.
Word 1
Word 2
Bit 0
Bit 1
Bit 7/8
Bit 0
Note: This timing diagram shows two consecutive transmissions.
(TX/CK pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com