Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 121Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 122Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 123Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 124Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 125Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 126Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 127Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 128Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 125
PIC17C7XX
14.3
USART Synchronous Master Mode
In Master Synchronous mode, the data is transmitted in
a half-duplex manner; i.e. transmission and reception
do not occur at the same time: when transmitting data,
the reception is inhibited and vice versa. The synchro-
nous
mode
is
entered
by
setting
the
SYNC
(TXSTA<4>) bit. In addition, the SPEN (RCSTA<7>) bit
is set in order to configure the I/O pins to CK (clock) and
DT (data) lines respectively. The Master mode indi-
cates that the processor transmits the master clock on
the CK line. The Master mode is entered by setting the
CSRC (TXSTA<7>) bit.
14.3.1
USART SYNCHRONOUS MASTER
TRANSMISSION
The USART transmitter block diagram is shown in
Figure 14-3. The heart of the transmitter is the transmit
(serial) shift register (TSR). The shift register obtains its
data from the read/write transmit buffer TXREG.
TXREG is loaded with data in software. The TSR is not
loaded until the last bit has been transmitted from the
previous load. As soon as the last bit is transmitted, the
TSR is loaded with new data from TXREG (if available).
Once TXREG transfers the data to the TSR (occurs in
one TCY at the end of the current BRG cycle), TXREG
is empty and the TXIF bit is set. This interrupt can be
enabled/disabled by setting/clearing the TXIE bit. TXIF
will be set regardless of the state of bit TXIE and cannot
be cleared in software. It will reset only when new data
is loaded into TXREG. While TXIF indicates the status
of TXREG, TRMT (TXSTA<1>) shows the status of the
TSR. TRMT is a read only bit which is set when the
TSR is empty. No interrupt logic is tied to this bit, so the
user has to poll this bit in order to determine if the TSR
is empty. The TSR is not mapped in data memory, so it
is not available to the user.
Transmission
is
enabled
by
setting
the
TXEN
(TXSTA<5>) bit. The actual transmission will not occur
until TXREG has been loaded with data. The first data
bit will be shifted out on the next available rising edge
of the clock on the TX/CK pin. Data out is stable around
the
falling
edge
of
the
synchronous
clock
(Figure 14-11). The transmission can also be started
by first loading TXREG and then setting TXEN. This is
advantageous when slow baud rates are selected,
since BRG is kept in RESET when the TXEN, CREN,
and SREN bits are clear. Setting the TXEN bit will start
the BRG, creating a shift clock immediately. Normally
when transmission is first started, the TSR is empty, so
a transfer to TXREG will result in an immediate transfer
to
the
TSR,
resulting
in
an
empty
TXREG.
Back-to-back transfers are possible.
Clearing TXEN during a transmission will cause the
transmission to be aborted and will reset the transmit-
ter. The RX/DT and TX/CK pins will revert to hi-imped-
ance. If either CREN or SREN are set during a
transmission, the transmission is aborted and the
RX/DT pin reverts to a hi-impedance state (for a recep-
tion). The TX/CK pin will remain an output if the CSRC
bit is set (internal clock). The transmitter logic is not
reset, although it is disconnected from the pins. In order
to reset the transmitter, the user has to clear the TXEN
bit. If the SREN bit is set (to interrupt an ongoing trans-
mission and receive a single word), then after the single
word is received, SREN will be cleared and the serial
port will revert back to transmitting, since the TXEN bit
is still set. The DT line will immediately switch from
hi-impedance receive mode to transmit and start driv-
ing. To avoid this, TXEN should be cleared.
In
order
to
select
9-bit
transmission,
the
TX9 (TXSTA<6>) bit should be set and the ninth bit
should be written to TX9D (TXSTA<0>). The ninth bit
must be written before writing the 8-bit data to TXREG.
This is because a data write to TXREG can result in an
immediate transfer of the data to the TSR (if the TSR is
empty). If the TSR was empty and TXREG was written
before writing the “new” TX9D, the “present” value of
TX9D is loaded.
Steps to follow when setting up a Synchronous Master
Transmission:
1.
Initialize the SPBRG register for the appropriate
baud rate (see Baud Rate Generator Section for
details).
2.
Enable the synchronous master serial port by
setting the SYNC, SPEN, and CSRC bits.
3.
Ensure that the CREN and SREN bits are clear
(these bits override transmission when set).
4.
If interrupts are desired, then set the TXIE bit
(the GLINTD bit must be clear and the PEIE bit
must be set).
5.
If 9-bit transmission is desired, then set the TX9
bit.
6.
If 9-bit transmission is selected, the ninth bit
should be loaded in TX9D.
7.
Start transmission by loading data to the
TXREG register.
8.
Enable the transmission by setting TXEN.
Writing the transmit data to the TXREG, then enabling
the transmit (setting TXEN) allows transmission to start
sooner than doing these two events in the reverse
order.
Note:
To terminate a transmission, either clear
the SPEN bit, or the TXEN bit. This will
reset the transmit logic, so that it will be in
the
proper
state
when
transmit
is
re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com