Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 123Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 124Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 125Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 126Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 127Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 128Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 129Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 130Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 127
PIC17C7XX
14.3.2
USART SYNCHRONOUS MASTER
RECEPTION
Once synchronous mode is selected, reception is
enabled by setting either the SREN (RCSTA<5>) bit or
the CREN (RCSTA<4>) bit. Data is sampled on the
RX/DT pin on the falling edge of the clock. If SREN is
set, then only a single word is received. If CREN is set,
the reception is continuous until CREN is reset. If both
bits are set, then CREN takes precedence. After clock-
ing the last bit, the received data in the Receive Shift
Register (RSR) is transferred to RCREG (if it is empty).
If the transfer is complete, the interrupt bit RCIF is set.
The actual interrupt can be enabled/disabled by set-
ting/clearing the RCIE bit. RCIF is a read only bit which
is RESET by the hardware. In this case it is reset when
RCREG has been read and is empty. RCREG is a dou-
ble buffered register; i.e., it is a two deep FIFO. It is pos-
sible for two bytes of data to be received and
transferred to the RCREG FIFO and a third byte to
begin shifting into the RSR. On the clocking of the last
bit of the third byte, if RCREG is still full, then the over-
run error bit OERR (RCSTA<1>) is set. The word in the
RSR will be lost. RCREG can be read twice to retrieve
the two bytes in the FIFO. The OERR bit has to be
cleared in software. This is done by clearing the CREN
bit. If OERR is set, transfers from RSR to RCREG are
inhibited, so it is essential to clear the OERR bit if it is
set. The 9th receive bit is buffered the same way as the
receive data. Reading the RCREG register will allow
the RX9D and FERR bits to be loaded with values for
the next received data; therefore, it is essential for the
user to read the RCSTA register before reading
RCREG in order not to lose the old FERR and RX9D
information.
Steps to follow when setting up a Synchronous Master
Reception:
1.
Initialize the SPBRG register for the appropriate
baud rate. See Section 14.1 for details.
2.
Enable the synchronous master serial port by
setting bits SYNC, SPEN, and CSRC.
3.
If interrupts are desired, then set the RCIE bit.
4.
If 9-bit reception is desired, then set the RX9 bit.
5.
If a single reception is required, set bit SREN.
For continuous reception set bit CREN.
6.
The RCIF bit will be set when reception is com-
plete and an interrupt will be generated if the
RCIE bit was set.
7.
Read RCSTA to get the ninth bit (if enabled) and
determine if any error occurred during reception.
8.
Read the 8-bit received data by reading
RCREG.
9.
If any error occurred, clear the error by clearing
CREN.
Note:
To terminate a reception, either clear the
SREN and CREN bits, or the SPEN bit.
This will reset the receive logic so that it will
be in the proper state when receive is
re-enabled.
FIGURE 14-12: SYNCHRONOUS RECEPTION (MASTER MODE, SREN)
CREN bit
DT
CK
Write to the
SREN bit
SREN bit
RCIF bit
Read
RCREG
Note: Timing diagram demonstrates SYNC master mode with SREN = 1.
Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Q2
Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
'0'
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
'0'
Q1 Q2 Q3 Q4
(RX/DT pin)
(TX/CK pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com