Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 126Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 127Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 128Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 129Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 130Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 131Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 132Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 133Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 328 page
background image
PIC17C7XX
DS30289A-page 130
© 1998 Microchip Technology Inc.
TABLE 14-10: REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE TRANSMISSION
TABLE 14-11: REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE RECEPTION
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR, WDT
16h, Bank 1
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
x000 0010
u000 0010
17h, Bank 1
PIE1
RBIE
TMR3IE TMR2IE TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
13h, Bank 0
RCSTA1
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
15h, Bank 0
TXSTA1
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
16h, Bank 0
TXREG1
TX7
TX6
TX5
TX4
TX3
TX2
TX1
TX0
xxxx xxxx
uuuu uuuu
17h, Bank 0
SPBRG1
Baud rate generator register
0000 0000
0000 0000
10h, Bank 4
PIR2
SSPIF
BCLIF
ADIF
—
CA4IF
CA3IF
TX2IF
RC2IF
000- 0010
000- 0010
11h, Bank 4
PIE2
SSPIE
BCLIE
ADIE
—
CA4IE
CA3IE
TX2IE
RC2IE
000- 0000
000- 0000
13h, Bank 4
RCSTA2
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
16h, Bank 4
TXREG2
TX7
TX6
TX5
TX4
TX3
TX2
TX1
TX0
xxxx xxxx
uuuu uuuu
15h, Bank 4
TXSTA2
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 4
SPBRG2
Baud rate generator register
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as a '0', shaded cells are not used for synchronous
slave transmission.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR, WDT
16h, Bank1
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
x000 0010
u000 0010
17h, Bank1
PIE1
RBIE
TMR3IE TMR2IE TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
13h, Bank0
RCSTA1
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
14h, Bank0
RCREG1
RX7
RX6
RX5
RX4
RX3
RX2
RX1
RX0
xxxx xxxx
uuuu uuuu
15h, Bank 0
TXSTA1
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 0
SPBRG1
Baud rate generator register
0000 0000
0000 0000
10h, Bank 4
PIR2
SSPIF
BCLIF
ADIF
—
CA4IF
CA3IF
TX2IF
RC2IF
000- 0010
000- 0010
11h, Bank 4
PIE2
SSPIE
BCLIE
ADIE
—
CA4IE
CA3IE
TX2IE
RC2IE
000- 0000
000- 0000
13h, Bank 4
RCSTA2
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
14h, Bank 4
RCREG2
RX7
RX6
RX5
RX4
RX3
RX2
RX1
RX0
xxxx xxxx
uuuu uuuu
15h, Bank 4
TXSTA2
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 4
SPBRG2
Baud rate generator register
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as a '0', shaded cells are not used for synchronous
slave reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com