Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 127Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 128Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 129Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 130Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 131Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 132Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 133Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 134Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 131
PIC17C7XX
15.0
MASTER SYNCHRONOUS
SERIAL PORT (MSSP)
MODULE
The Master Synchronous Serial Port (MSSP) module is
a serial interface useful for communicating with other
peripheral or microcontroller devices. These peripheral
devices may be serial EEPROMs, shift registers, dis-
play drivers, A/D converters, etc. The MSSP module
can operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C)
Figure 15-1 shows a block diagram for the SPI mode,
while Figure 15-2, and Figure 15-3 shows the block
diagrams for the two different I2C modes of operation.
FIGURE 15-1: SPI MODE BLOCK
DIAGRAM
Read
Write
Internal
data bus
SSPSR reg
SSPBUF reg
SSPM3:SSPM0
bit0
shift
clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 output
TOSC
Prescaler
4, 16, 64
2
Edge
Select
2
4
Data to TX/RX in SSPSR
Data direction bit
2
SMP:CKE
SDI
SDO
SS
SCK
FIGURE 15-2: I2C SLAVE MODE BLOCK
DIAGRAM
FIGURE 15-3: I2C MASTER MODE BLOCK
DIAGRAM
Read
Write
SSPSR reg
Match detect
SSPADD reg
Start and
Stop bit detect
SSPBUF reg
Internal
data bus
Addr Match
Set, Reset
S, P bits
(SSPSTAT reg)
SCL
shift
clock
MSb
LSb
SDA
or General
Call detected
Read
Write
SSPSR reg
Match detect
SSPADD reg
Start and Stop bit
detect / generate
SSPBUF reg
Internal
data bus
Addr Match
Set/Clear S bit
Clear/Set P, bit
(SSPSTAT reg)
SCL
shift
clock
MSb
LSb
SDA
Baud Rate Generator
7
SSPADD<6:0>
and
and Set SSPIF
or General
Call detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com