Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 130Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 131Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 132Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 133Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 134Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 135Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 136Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 137Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 328 page
background image
PIC17C7XX
DS30289A-page 134
© 1998 Microchip Technology Inc.
FIGURE 15-6: SSPCON2: SYNC SERIAL PORT CONTROL REGISTER2 (ADDRESS 12h, BANK 6)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
R = Readable bit
W = Writable bit
U = Unimplemented bit, Read
as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
GCEN: General Call Enable bit (In I2C slave mode only)
1 = Enable interrupt when a general call address (0000h) is received in the SSPSR.
0 = General call address disabled.
bit 6:
ACKSTAT: Acknowledge Status bit (In I2C master mode only)
In master transmit mode:
1 = Acknowledge was not received from slave
0 = Acknowledge was received from slave
bit 5:
ACKDT: Acknowledge Data bit (In I2C master mode only)
In master receive mode:
Value that will be transmitted when the user initiates an Acknowledge sequence at the end of a receive.
1 = Not Acknowledge
0 = Acknowledge
bit 4:
ACKEN: Acknowledge Sequence Enable bit (In I2C master mode only).
In master receive mode:
1 = Initiate Acknowledge sequence on SDA and SCL pins, and transmit AKDT data bit. Automatically cleared by hard-
ware.
0 = Acknowledge sequence idle
Note:
If the I2C module is not in the idle mode, this bit may not be set (no spooling), and the SSPBUF may not be
written (or writes to the SSPBUF are disabled).
bit 3:
RCEN: Receive Enable bit (In I2C master mode only).
1 = Enables Receive mode for I2C
0 = Receive idle
Note:
If the I2C module is not in the idle mode, this bit may not be set (no spooling), and the SSPBUF may not be
written (or writes to the SSPBUF are disabled).
bit 2:
PEN: Stop Condition Enable bit (In I2C master mode only).
SCK release control
1 = Initiate Stop condition on SDA and SCL pins. Automatically cleared by hardware.
0 = Stop condition idle
Note:
If the I2C module is not in the idle mode, this bit may not be set (no spooling), and the SSPBUF may not be
written (or writes to the SSPBUF are disabled).
bit 1:
RSEN: Repeated Start Condition Enabled bit (In I2C master mode only)
1 = Initiate Repeated Start condition on SDA and SCL pins. Automatically cleared by hardware.
0 = Repeated Start condition idle.
Note:
If the I2C module is not in the idle mode, this bit may not be set (no spooling), and the SSPBUF may not be
written (or writes to the SSPBUF are disabled)
bit 0:
SEN: Start Condition Enabled bit (In I2C master mode only)
1 = Initiate Start condition on SDA and SCL pins. Automatically cleared by hardware.
0 = Start condition idle.
Note:
If the I2C module is not in the idle mode, this bit may not be set (no spooling), and the SSPBUF may not be
written (or writes to the SSPBUF are disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com