Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 100Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 101Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 102Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 103Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 104Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 105Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 106Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 107Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 328 page
background image
PIC17C7XX
DS30289A-page 104
© 1998 Microchip Technology Inc.
TABLE 13-3:
SUMMARY OF TIMER1, TIMER2 AND TIMER3 REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR,
WDT
16h, Bank 3
TCON1
CA2ED1
CA2ED0
CA1ED1
CA1ED0
T16
TMR3CS TMR2CS
TMR1CS
0000 0000
0000 0000
17h, Bank 3
TCON2
CA2OVF
CA1OVF PWM2ON PWM1ON CA1/PR3 TMR3ON TMR2ON
TMR1ON
0000 0000
0000 0000
16h, Bank 7
TCON3
—
CA4OVF
CA3OVF
CA4ED1
CA4ED0
CA3ED1
CA3ED0
PWM3ON
-000 0000
-000 0000
10h, Bank 2
TMR1
Timer1’s register
xxxx xxxx
uuuu uuuu
11h, Bank 2
TMR2
Timer2’s register
xxxx xxxx
uuuu uuuu
16h, Bank 1
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
x000 0010
u000 0010
17h, Bank 1
PIE1
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
07h, Unbanked
INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
06h, Unbanked
CPUSTA
—
—
STKAV
GLINTD
TO
PD
POR
BOR
--11 11qq
--11 qquu
14h, Bank 2
PR1
Timer1 period register
xxxx xxxx
uuuu uuuu
15h, Bank 2
PR2
Timer2 period register
xxxx xxxx
uuuu uuuu
10h, Bank 3
PW1DCL
DC1
DC0
—
—
—
—
—
—
xx-- ----
uu-- ----
11h, Bank 3
PW2DCL
DC1
DC0
TM2PW2
—
—
—
—
—
xx0- ----
uu0- ----
10h, Bank 7
PW3DCL
DC1
DC0
TM2PW3
—
—
—
—
—
xx0- ----
uu0- ----
12h, Bank 3
PW1DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
13h, Bank 3
PW2DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
11h, Bank 7
PW3DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented read as a '0', q - value depends on condition,
shaded cells are not used by Timer1 or Timer2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com