Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 290 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 290 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 286Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 287Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 288Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 289Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 290Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 291Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 292Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 293Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 328 page
background image
PIC17C7XX
DS30289A-page 290
© 1998 Microchip Technology Inc.
FIGURE E-12: I2C BUS DATA TIMING SPECIFICATION
TABLE E-3:
I2C BUS DATA TIMING SPECIFICATION
Microchip
Parameter
No.
Sym
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock high time
100 kHz mode
4.0
—
µs
400 kHz mode
0.6
—
µs
101
TLOW
Clock low time
100 kHz mode
4.7
—
µs
400 kHz mode
1.3
—
µs
102
TR
SDA and SCL rise
time
100 kHz mode
—
1000
ns
400 kHz mode
20 + 0.1Cb
300
ns
Cb is specified to be from
10 to 400 pF
103
TF
SDA and SCL fall time
100 kHz mode
—
300
ns
400 kHz mode
20 + 0.1Cb
300
ns
Cb is specified to be from
10 to 400 pF
90
TSU:STA
START condition
setup time
100 kHz mode
4.7
—
µs
Only relevant for repeated
START condition
400 kHz mode
0.6
—
µs
91
THD:STA
START condition hold
time
100 kHz mode
4.0
—
µs
After this period the first clock
pulse is generated
400 kHz mode
0.6
—
µs
106
THD:DAT
Data input hold time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9
µs
107
TSU:DAT
Data input setup time
100 kHz mode
250
—
ns
Note 2
400 kHz mode
100
—
ns
92
TSU:STO
STOP condition setup
time
100 kHz mode
4.7
—
µs
400 kHz mode
0.6
—
µs
109
TAA
Output valid from
clock
100 kHz mode
—
3500
ns
Note 1
400 kHz mode
—
1000
ns
110
TBUF
Bus free time
100 kHz mode
4.7
—
µs
Time the bus must be free
before a new transmission can
start
400 kHz mode
1.3
—
µs
D102
Cb
Bus capacitive loading
—
400
pF
Note 1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (min. 300 ns) of
the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2:
A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement tsu;DAT
≥ 250 ns must
then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a
device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line
TR max.+tsu;DAT = 1000 + 250 = 1250 ns (according to the standard-mode I2C bus specification) before the SCL line is
released.
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com