Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 137Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 138Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 139Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 140Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 141Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 142Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 143Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 144Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 141
PIC17C7XX
15.2
MSSP I2C Operation
The MSSP module in I2C mode fully implements all
master and slave functions (including general call sup-
port) and provides interrupts on start and stop bits in
hardware to determine a free bus (multi-master func-
tion). The MSSP module implements the standard
mode specifications as well as 7-bit and 10-bit address-
ing. Appendix E: gives an overview of the I2C bus spec-
ification.
Refer to Application Note AN578,
"Use of the SSP
Module in the I 2C Multi-Master Environment."
A "glitch" filter is on the SCL and SDA pins when the pin
is an input. This filter operates in both the 100 kHz and
400 kHz modes. In the 100 kHz mode, when these pins
are an output, there is a slew rate control of the pin that
is independant of device frequency.
FIGURE 15-13: I2C SLAVE MODE BLOCK
DIAGRAM
Read
Write
SSPSR reg
Match detect
SSPADD reg
Start and
Stop bit detect
SSPBUF reg
Internal
data bus
Addr Match
Set, Reset
S, P bits
(SSPSTAT reg)
SCL
shift
clock
MSb
LSb
SDA
FIGURE 15-14: I2C MASTER MODE BLOCK
DIAGRAM
Two pins are used for data transfer. These are the SCL
pin, which is the clock, and the SDA pin, which is the
data. The SDA and SCL pins that are automatically
configured when the I2C mode is enabled. The SSP
module functions are enabled by setting SSP Enable
bit SSPEN (SSPCON1<5>).
The MSSP module has six registers for I2C operation.
These are the:
• SSP Control Register1 (SSPCON1)
• SSP Control Register2 (SSPCON2)
• SSP Status Register (SSPSTAT)
• Serial Receive/Transmit Buffer (SSPBUF)
• SSP Shift Register (SSPSR) - Not directly acces-
sible
• SSP Address Register (SSPADD)
The SSPCON1 register allows control of the I2C oper-
ation. Four mode selection bits (SSPCON1<3:0>) allow
one of the following I2C modes to be selected:
•I2C Slave mode (7-bit address)
•I2C Slave mode (10-bit address)
•I2C Master mode, clock = OSC/4 (SSPADD +1)
Before selecting any I2C mode, the SCL and SDA pins
must be programmed to inputs by setting the appropri-
ate DDR bits. Selecting an I2C mode, by setting the
SSPEN bit, enables the SCL and SDA pins to be used
as the clock and data lines in I2C mode.
Read
Write
SSPSR reg
Match detect
SSPADD reg
Start and Stop bit
detect / generate
SSPBUF reg
Internal
data bus
Addr Match
Set/Clear S bit
Clear/Set P, bit
(SSPSTAT reg)
SCL
shift
clock
MSb
LSb
SDA
Baud Rate Generator
7
SSPADD<6:0>
and
and Set SSPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com