Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 169Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 170Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 171Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 172Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 173Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 174Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 175Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 176Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 173
PIC17C7XX
15.3
Connection Considerations for I2C
Bus
For standard-mode I2C bus devices, the values of
resistors
Rp Rsin Figure 15-45 depends on the follow-
ing parameters
• Supply voltage
• Bus capacitance
• Number of connected devices (input current +
leakage current).
The supply voltage limits the minimum value of resistor
Rp due to the specified minimum sink current of 3 mA
at VOL max = 0.4V for the specified output stages. For
example, with a supply voltage of VDD = 5V+10% and
VOL max = 0.4V at 3 mA, Rp min = (5.5-0.4)/0.003 =
1.7 k
Ω. VDD as a function of R
p
is shown in
Figure 15-45. The desired noise margin of 0.1VDD for
the low level, limits the maximum value of
Rs. Series
resistors are optional and used to improve ESD sus-
ceptibility.
The bus capacitance is the total capacitance of wire,
connections, and pins. This capacitance limits the max-
imum value of
Rp due to the specified rise time
(Figure 15-45).
The SMP bit is the slew rate control enabled bit. This bit
is in the SSPSTAT register, and controls the slew rate
of the I/O pins when in I2C mode (master or slave).
FIGURE 15-45: SAMPLE DEVICE CONFIGURATION FOR I2C BUS
Rp
Rp
VDD + 10%
SDA
SCL
NOTE: I
2
C devices with input levels related to VDD must have one common supply
line to which the pull up resistor is also connected.
DEVICE
Cb=10 - 400 pF
Rs
Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com