Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 229 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 229 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 225Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 226Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 227Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 228Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 229Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 230Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 231Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 232Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 229
PIC17C7XX
XORLW
Exclusive OR Literal with
WREG
Syntax:
[
label ] XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(WREG) .XOR. k
→ (WREG)
Status Affected:
Z
Encoding:
1011
0100
kkkk
kkkk
Description:
The contents of WREG are XOR’ed
with the 8-bit literal 'k'. The result is
placed in WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Process
Data
Write to
WREG
Example:
XORLW
0xAF
Before Instruction
WREG
=
0xB5
After Instruction
WREG
=
0x1A
XORWF
Exclusive OR WREG with f
Syntax:
[
label ] XORWF
f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(WREG) .XOR. (f)
→ (dest)
Status Affected:
Z
Encoding:
0000
110d
ffff
ffff
Description:
Exclusive OR the contents of WREG
with register 'f'. If 'd' is 0 the result is
stored in WREG. If 'd' is 1 the result is
stored back in the register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
Example:
XORWF
REG, 1
Before Instruction
REG
=
0xAF
WREG
=
0xB5
After Instruction
REG
=
0x1A
WREG
=
0xB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com