Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 3Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 4Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 5Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 6Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 7Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 8Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 9Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 10Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
DocID028727 Rev 1
7/58
ST-PLC-AFE
General description
58
2
General description
The ST-PLC-AFE combines a digital-to-analog converter (DAC), an adaptive gain control
(AGC), programmable filters, and a line driver on a single chip. The architecture is divided
into three primary functional blocks:
•
Power amplifier (PA)
The PA is characterized by the following features:
–
Differential or single-ended output architecture
–
1.65 A drive capability @ 14 Vpp
–
Gain of 6.9 V/V
–
PA current limiter with four programmable limits: 0.5 A, 1 A, 1.5 A, and 2.1 A
–
Integrated thermometer placed closed to the PA
•
Transmitter chain (Tx)
The Tx is characterized by the following features:
–
Can work with a 10-bit internal DAC
–
Can be driven with an external DAC through the TX_INP input pin
–
Programmable unity-gain fourth-order low-pass filter, following CENELEC bands
A, B, C, and D.
–
PGA with gains of 6 dB, 0 dB, -18 dB, and -36 dB
•
Receiver chain (Rx)
The Rx is characterized by the following features:
–
PGA1 with gains of -3 dB, 3 dB, 9 dB, and 15 dB
–
Sensitivity of 20 µVrms typical
–
Can be connected in differential or single-input mode
–
Programmable
unity-gain fourth-order low-pass filter, following CENELEC bands
A, B, C, and D.
–
Selectable high-pass filter with a 35 kHz cutoff frequency)
–
PGA2 with gains of -6 dB, 6 dB, 18 dB, and 30 dB
The ST-PLC-AFE supports other circuitry blocks, such as:
•
SPI interface for the microcontroller
•
Thermal shutdown
•
Two zero crossing detectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com