Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 39Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 40Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 41Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 42Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 43Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 44Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 45Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 46Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
DocID028727 Rev 1
43/58
ST-PLC-AFE
Application information
58
10.3
Moving from differential mode to single-ended mode
Differential mode can drive extremely low impedances, even at low supply voltage.
However, differential mode also activates two PAs at the same time which increases the
internal temperature (see Figure 45).
Figure 45. Temperature elevation in differential-ended and single-ended modes vs
power supply voltage
To minimize the dissipated power and thus the temperature elevation, it is recommended to
use the minimum power supply voltage.
In Figure 45, the temperature elevation was monitored after a “waiting” time to achieve a
stable temperature. Such “waiting” time and the temperature elevation depends on the
number of PCB layers, copper thickness, PCB area, and PCB layout. Figure 46 is an
example of temperature elevation over time for the following board features: 24 cm², 4-layer
PCB, and 35 µm copper thickness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com