Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 34Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 35Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 36Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 37Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 38Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 39Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 40Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 41Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
System timings and interruptions
ST-PLC-AFE
38/58
DocID028727 Rev 1
The analog front end needs t_startup to bias the external capacitors correctly. This period of
time lasts 50 µs, but it can vary depending on external capacitors values.
9.3
Interruptions
The interrupt pin (INT) can be used to warn the microprocessor/DSP of unusual operating
conditions. The INT pin can be triggered by two external circuit conditions, depending on the
enable register settings. The ST-PLC-AFE can be programmed to issue an interrupt on
current or thermal overload.
9.3.1
Overcurrent condition
The maximum output current allowed from the PA can be programmed using the SPI
communication system (CL<1:0> bit in the Gain register). If a FAULT condition occurs and
causes an overcurrent, the PA goes into current limitation and the OVC_FLAG bit (in the
Status register) changes to 1.
The OVC_FLAG bit remains set to 1 even after the device returns to normal operation. It
can be reset when the microprocessor writes 0 inside the Status register. It can also be set
back to 0 through a system reset using the RST_SPI bit in the Enable register.
This configuration results in the presence of an interrupt signal at the INT pin. The INT
signal returns to 0 when the device returns to normal operation. The latency time between
the interrupt and the INT change of state tINT_OVC_UP and tINT_OVC_DOWN is 1 µs.
Figure 38. Overcurrent event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com