Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 20Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 21Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 22Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 23Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 24Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 25Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 26Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 27Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Registers
ST-PLC-AFE
24/58
DocID028727 Rev 1
5
Registers
Each register is 12 bits in width.
The registers are described in more detail in the tables below. Note in the column “Location”,
0 = LSB and 11 = MSB.
Table 10. Main register table
Register
Address
Default
Function
Data
0x00h
000h
Data register
Status/Flag
0x01h
000h
Status register
Gain
0x02h
003h
Tx, Rx gain and current limitation
selection
Enable
0x03h
12Ch
Block enable or disable
ID
0x04h
069h
Die name and revision
Table 11. Data register
Bit name
Location
Function
DATA0
0
LSB of SPI DATA
DATA1
1
SPI DATA
DATA2
2
DATA3
3
DATA4
4
DATA5
5
DATA6
6
DATA7
7
DATA8
8
DATA9
9
MSB of SPI DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com