Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 25Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 26Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 27Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 28Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 29Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 30Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 31Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 32Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
DocID028727 Rev 1
29/58
ST-PLC-AFE
SPI interfaces
58
Figure 13. SPI mode 1.1
Table 16. Timing table, DVDD from 3 V to 3.6 V, temperature between -40 °C to 125 °C,
CLOAD on SDOUT = 10 pF
Symbol
Parameter
Condition
Min Typ
Max
Unit
—
Input capacitance
—
1pF
tRFI
Input rise/fall time
nCS, DIN, SCLK
2
ns
tRFO
Output rise/fall time
SDOUT
10
tCSH
nCS high time
20
tCSO
SCLK edge to nCS fall setup time
10
tCSSC
nCS fall to first SCLK edge setup
time
10
fSCLK
SCLK frequency
30
MHz
tHI
SCLK high time
12
ns
tLO
SCLK low time
12
tSCCS
SCLK last edge to nCS rise time
10
tSU
DIN setup time
5
tHD
DIN hold time
5
tDO
SCLK to DOUT valid propagation
delay
12
tSOZ
nCS rise to DOUT forced to Hi-Z
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com