Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 27Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 28Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 29Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 30Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 31Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 32Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 33Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 34Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
DocID028727 Rev 1
31/58
ST-PLC-AFE
Powering the device and resetting the SPI and registers
58
7
Powering the device and resetting the SPI and
registers
7.1
Turning the device on and off
The ENABLE input pin (EN) allows the device to be turned on and off.
When EN is set to zero, all internal consumptions are reduced to a minimum, the SPI
interface is ready to receive messages from the microcontroller, and all internal registers
keep their value. Consequently, EN does not reset the IC. Using the SPI interface when the
IC is powered down, allows the system to be preprogrammed.
When the EN pin is high (1), the ST-PLC-AFE device operates normally.
By default, the PD_SPI bit is set to 0 (which means that all internal blocks of the device are
activated). To turn off the device using the registers, the PD_SPI must be set to 1. Then, all
internal blocks are turned off. The SPI interface is still active for microcontroller
communication and all registers keep their value without any resets.
7.2
Resetting the internal registers
The internal registers are reset by setting the RST_SPI bit in the Enable register to 1. By
doing this, all internal registers are set to their default values and the SPI interface performs
an auto-reset.
When the analog power supply, AVDD, increases from zero to its final value, an internal
power-on-reset (POR) occurs. All digital registers are reset when AVDD crosses the voltage
window 1.6 V to 2.4 V.
7.3
Resetting the SPI
The SPI is reset using the high state of the input pin nCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com